Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE35 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST7LITE35
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE35 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST7LITE35 Datasheet HTML 142Page - STMicroelectronics ST7LITE35 Datasheet HTML 143Page - STMicroelectronics ST7LITE35 Datasheet HTML 144Page - STMicroelectronics ST7LITE35 Datasheet HTML 145Page - STMicroelectronics ST7LITE35 Datasheet HTML 146Page - STMicroelectronics ST7LITE35 Datasheet HTML 147Page - STMicroelectronics ST7LITE35 Datasheet HTML 148Page - STMicroelectronics ST7LITE35 Datasheet HTML 149Page - STMicroelectronics ST7LITE35 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 167 page
background image
ST7LITE3
146/167
I/O PORT PIN CHARACTERISTICS (Cont’d)
13.8.2 Output Driving Current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD.
3. Not tested in production, based on characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
1)
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 86)
IIO=+5mA TA≤85°C
0.65
1.0
V
IIO=+2mA TA≤85°C
0.25
0.4
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time (see
Figure 89)
IIO=+20mA,TA≤85°C
1.05
1.3
IIO=+8mA TA≤85°C
0.4
0.75
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 92)
IIO= -5mA, TA≤85°C VDD-1.5
4.30
IIO= -2mA TA≤85°C VDD-0.8
4.70
VOL
1)3)
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 85)
IIO=+2mA TA≤85°C
0.25
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time (see
Figure 88)
IIO=+8mA TA≤85°C
0.35
VOH
2)3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 91)
IIO= -2mA TA≤85°C
3.70
VOL
1)3)
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 84)
IIO=+2mA TA≤85°C
0.30
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time (see
Figure 87)
IIO=+8mA TA≤85°C
0.40
VOH
2)3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 90)
IIO= -2mA TA≤85°C
2.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com