Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-1451 Datasheet(PDF) 2 Page - Moxa Inc.

Part # M-1451
Description  Remote I/O modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

M-1451 Datasheet(HTML) 2 Page - Moxa Inc.

  M-1451 Datasheet HTML 1Page - Moxa Inc. M-1451 Datasheet HTML 2Page - Moxa Inc. M-1451 Datasheet HTML 3Page - Moxa Inc. M-1451 Datasheet HTML 4Page - Moxa Inc. M-1451 Datasheet HTML 5Page - Moxa Inc. M-1451 Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.moxa.com
2
Digital Outputs
Connector
M-2800/2801: Spring-type Euroblock terminal
M-2600/2601: I/O flat cable, 20-pin
Current Rating
500 mA per channel
I/O Type
M-2600/2800: Sink
M-2601/2801: Source
I/O Mode
DO
Relays
Connector
Spring-type Euroblock terminal
Contact Current Rating
Resistive load: 2 A @ 5 VDC
Resistive load: 0.5 A @ 110 VDC
Resistive load: 2 A @ 250 VAC
Type
Form A (N.O.) power relay
Analog Inputs
Accuracy
±0.1% FSR @ 25°C
±0.3% FSR @ 0 and 60°C
Connector
Spring-type Euroblock terminal
I/O Mode
Voltage/Current
Input Impedance
M-3810: 500 kilo-ohms (min.)
M-3801: 120 ohms
Input Range
M-3810: 0 to 10 VDC
M-3802: 4 to 20 mA
Analog Outputs
Accuracy
±0.1% FSR @ 25°C
±0.3% FSR @ 0 and 60°C
Connector
Spring-type Euroblock terminal
Output Range
M-4410: 0 to 10 VDC
M-4402: 4 to 20 mA
Resolution
12-bit
I/O Mode
Static
I/O Type
Single-ended
Output Impedance
500 ohms
RTDs
Accuracy
±0.1% FSR @ 25°C
±0.3% FSR @ 0 and 60°C
Connector
Spring-type Euroblock terminal
Input Impedance
500 kilo-ohms (min.)


Similar Part No. - M-1451

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M-1005 VISHAY-M-1005 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
M-1010 VISHAY-M-1010 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
logo
Switchcraft, Inc.
M-1018 SWITCH-M-1018 Datasheet
836Kb / 1P
   MOUNTING HARDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
   MOUNTING HAREDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
   MOUNTING HARDWARE
More results

Similar Description - M-1451

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com