Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-1600 Datasheet(PDF) 1 Page - Moxa Inc.

Part # M-1600
Description  Remote I/O modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

M-1600 Datasheet(HTML) 1 Page - Moxa Inc.

  M-1600 Datasheet HTML 1Page - Moxa Inc. M-1600 Datasheet HTML 2Page - Moxa Inc. M-1600 Datasheet HTML 3Page - Moxa Inc. M-1600 Datasheet HTML 4Page - Moxa Inc. M-1600 Datasheet HTML 5Page - Moxa Inc. M-1600 Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.moxa.com
1
ioLogik 4000 Series (M) Modules
Remote I/O modules
Features and Benefits
I/O expansion without a backplane
Active communication with MX-AOPC UA Server
Supports SNMP v1/v2c
Easy configuration with Modular ioAdmin utility
Friendly configuration via web browser
Simplifies I/O management with MXIO library for Windows or Linux
Certifications
Introduction
The ioLogik 4000 Series is suitable for remote monitoring and alarm systems, such as those used for water treatment systems, water supply
systems, wastewater treatment systems, and power monitoring systems. These kinds of applications need more I/O points and a variety of I/O
types, including temperature sensors, gas detectors, and water quality detectors, all of which can benefit from the versatile mixture of I/O features
supported by the ioLogik 4000 Series.
Specifications
Input/Output Interface
Digital Input Channels
M-1450/1451: 4
M-1800/1801: 8
M-1600/1601: 16
Digital Output Channels
M-2800/2801: 8
M-2600/2601: 16
Analog Input Channels
M-3802/3810: 8
Analog Output Channels
M-4402/4410: 4
Thermocouple Channels
M-6201: 2
RTD Channels
M-6200: 2
Isolation
3k VDC or 2k Vrms
Digital Inputs
Connector
M-1450/1451/1800/1801: Spring-type Euroblock terminal
M-1600/1601: I/O flat cable, 20-pin
I/O Mode
DI
Points per COM
M-1450/1451: 2 channels
M-1600/1601/1800/1801: 8 channels
Sensor Type
M-1800/1801: NPN
M-1600/1601: PNP


Similar Part No. - M-1600

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M-165051-10-8A MACOM-M-165051-10-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
M-165101-1-8A MACOM-M-165101-1-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - M-1600

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com