Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-1801 Datasheet(PDF) 4 Page - Moxa Inc.

Part # M-1801
Description  Remote I/O modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

M-1801 Datasheet(HTML) 4 Page - Moxa Inc.

  M-1801 Datasheet HTML 1Page - Moxa Inc. M-1801 Datasheet HTML 2Page - Moxa Inc. M-1801 Datasheet HTML 3Page - Moxa Inc. M-1801 Datasheet HTML 4Page - Moxa Inc. M-1801 Datasheet HTML 5Page - Moxa Inc. M-1801 Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.moxa.com
4
Standards and Certifications
EMC
EN 55032/24, EN 61000-6-2/-6-4
EMI
CISPR 32, FCC Part 15B Class A
EMS
IEC 61000-4-2 ESD: Contact: 4 kV; Air: 8 kV
IEC 61000-4-3 RS: 80 MHz to 1 GHz: 3 V/m
IEC 61000-4-4 EFT: Power: 2 kV; Signal: 1 kV
IEC 61000-4-5 Surge: Power: 2 kV; Signal: 1 kV
IEC 61000-4-6 CS: 10 V
IEC 61000-4-8 PFMF
Safety
UL 508
Shock
IEC 60068-2-27
Vibration
IEC 60068-2-6
Declaration
Green Product
RoHS, CRoHS, WEEE
MTBF
Time
M-1450: 19,482,240 hrs
M-1451: 19,727,520 hrs
M-1600: 11,659,560 hrs
M-1601: 11,694,600 hrs
M-1800: 15,759,240 hrs
M-1801: 15,811,800 hrs
M-2450: 14,033,520 hrs
M-2600: 9,732,360 hrs
M-2601: 9,749,880 hrs
M-2800: 13,884,600 hrs
M-2801: 14,340,120 hrs
M-3802: 7,375,920 hrs
M-3810: 7,288,320 hrs
M-4402: 7,840,200 hrs
M-4410: 6,219,600 hrs
M-6200: 3,644,160 hrs
M-6201: 3,828,120 hrs
M-7001: 19,569,840 hrs
M-7002: 75,528,720 hrs
M-7804: 73,750,440 hrs
M-7805: 73,750,440 hrs
Standards
Telcordia SR332
Warranty
Warranty Period
2 years
Details
See www.moxa.com/warranty
Package Contents
Device
1 x ioLogik 4000 Series (M) Module
Ordering Information
Model Name
Input/Output
Interface
Digital Input
Digital
Output
Relay
Analog Input
Type
Analog
Output Type
System
Power
Module
Field Power
Module
Potential
Distributor
Module
M-1450
4 x DI
110 VAC
M-1451
4 x DI
220 VAC
M-1600
16 x DI
Sink
24 VDC


Similar Part No. - M-1801

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M-1005 VISHAY-M-1005 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
M-1010 VISHAY-M-1010 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
logo
Switchcraft, Inc.
M-1018 SWITCH-M-1018 Datasheet
836Kb / 1P
   MOUNTING HARDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
   MOUNTING HAREDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
   MOUNTING HARDWARE
More results

Similar Description - M-1801

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com