Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091CB Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32F091CB
Description  ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091CB Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32F091CB Datasheet HTML 120Page - STMicroelectronics STM32F091CB Datasheet HTML 121Page - STMicroelectronics STM32F091CB Datasheet HTML 122Page - STMicroelectronics STM32F091CB Datasheet HTML 123Page - STMicroelectronics STM32F091CB Datasheet HTML 124Page - STMicroelectronics STM32F091CB Datasheet HTML 125Page - STMicroelectronics STM32F091CB Datasheet HTML 126Page - STMicroelectronics STM32F091CB Datasheet HTML 127Page - STMicroelectronics STM32F091CB Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
Revision history
STM32F091xB STM32F091xC
126/128
DocID026284 Rev 4
17-Dec-2015
3
(continued)
Section 6: Electrical characteristics:
– footnote for VIN max value in Table 21: Voltage
characteristics
– Table 28: Embedded internal reference voltage:
added tSTART parameter and removal of -40°-to-85°
condition for VREFINT and associated note
– Figure 18: Typical application with a 32.768 kHz
crystal
- correction of OSC_IN and OSC_OUT to
OSC32_IN and OSC32_OUT and fHSE to fLSE
– Table 50: ESD absolute maximum ratings updated
–VDDIOx replaced VDD in Figure 22: TC and TTa I/O
input characteristics
and Figure 23: Five volt tolerant
(FT and FTf) I/O input characteristics
– Table 53: I/O static characteristics- note removed
– Table 57: ADC characteristics - updated some
parameter values, test conditions and added
footnotes (3) and (4)
–IDDA max value (DAC DC current consumption) in
Table 60: DAC characteristics
– Table 61: Comparator characteristics - min value
added for VDDA
– Table 62: TS characteristics: removed the minimum
value for tSTART symbol and updated parameter name
– R parameter typical. value in Table 63: V
BAT
monitoring characteristics
– Table 64: TIMx characteristics: removed ResTM
parameter line and all values put in new Typ column,
tCOUNTER substituted with tMAX_COUNT, values defined
as powers of two
– Table 69: I2S characteristics reorganized and max
value added for tv(SD_ST)
– Figure 32: I2S master timing diagram (Philips protocol)
added definition of edge level references
Section 7: Package information:
– Figure 33: UFBGA100 package outline and
associated Table 70 updated
– Figure 34 and associated Table 71 updated
– Figure 35: UFBGA100 package marking example and
associated text updated
– Figure 38: LQFP100 package marking example and
associated text updated
– Table 74: UFBGA64 recommended PCB design rules
added
– Figure 41: UFBGA64 package marking example
added
Section 8: Part numbering:
– added tray packing to options
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com