Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H747AI Datasheet(PDF) 233 Page - STMicroelectronics

Part # STM32H747AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H747AI Datasheet(HTML) 233 Page - STMicroelectronics

Back Button STM32H747AI Datasheet HTML 229Page - STMicroelectronics STM32H747AI Datasheet HTML 230Page - STMicroelectronics STM32H747AI Datasheet HTML 231Page - STMicroelectronics STM32H747AI Datasheet HTML 232Page - STMicroelectronics STM32H747AI Datasheet HTML 233Page - STMicroelectronics STM32H747AI Datasheet HTML 234Page - STMicroelectronics STM32H747AI Datasheet HTML 235Page - STMicroelectronics STM32H747AI Datasheet HTML 236Page - STMicroelectronics STM32H747AI Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 252 page
background image
DS12930 Rev 1
223/242
STM32H747xI/G
Package information
240
Figure 73. WLCSP156 bump recommended footprint
1. Dimensions are expressed in millimeters.
Table 131. WLCSP156 package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to the 3rd decimal digits.
Min
Typ
Max
Min
Typ
Max
A-
-
0.58
-
-
0.023
A1
-
0.17
-
-
0.006
-
A2
-
0.38
-
-
0.015
-
A3
-
0.025(2)
2. Back side coating. Nominal dimension rounded to the 3rd decimal place resulting from process capability.
--
0.001
-
b
0.21
0.24
0.27
0.008
0.009
0.011
D
4.94
4.96
4.98
0.193
0.195
0.196
E
4.62
4.64
4.66
0.181
0.182
0.183
e1
-
4.20
-
-
0.014
-
e2
-
3.85
-
-
0.165
-
e
-
0.35
-
-
0.152
-
F
-
0.380(3)
3. Calculated dimensions are rounded to 3rd decimal place.
--
0.015
-
G
-
0.395(3)
--
0.015
-
aaa
-
-
0.10
-
-
0.004
bbb
-
-
0.10
-
-
0.004
ccc
-
-
0.10
-
-
0.004
ddd
-
-
0.05
-
-
0.002
eee
-
-
0.05
-
-
0.002
A086_WLCSP156_FP_V1
Dpad
Dsm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com