Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157F Datasheet(PDF) 258 Page - STMicroelectronics

Part # STM32MP157F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157F Datasheet(HTML) 258 Page - STMicroelectronics

Back Button STM32MP157F Datasheet HTML 252Page - STMicroelectronics STM32MP157F Datasheet HTML 253Page - STMicroelectronics STM32MP157F Datasheet HTML 254Page - STMicroelectronics STM32MP157F Datasheet HTML 255Page - STMicroelectronics STM32MP157F Datasheet HTML 256Page - STMicroelectronics STM32MP157F Datasheet HTML 257Page - STMicroelectronics STM32MP157F Datasheet HTML 258Page - STMicroelectronics STM32MP157F Datasheet HTML 259Page - STMicroelectronics STM32MP157F Datasheet HTML 260Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 258 / 260 page
background image
Revision history
STM32MP157C/F
258/260
DS12505 Rev 5
04-Feb-2020
3
(continued)
Updated Table 1: STM32MP157C/F features and
peripheral counts.
Updated Figure 1: STM32MP157C/F block diagram.
Updated Table 4: Timer feature comparison.
Updated Table 7: STM32MP157C/F pin and ball
definitions.
Updated Table 8: Alternate function AF0 to AF7.
Updated Table 9: Alternate function AF8 to AF15.
Updated Table 10: Voltage characteristics.
Updated Table 12: Thermal characteristics.
Updated Table 13: General operating conditions.
Updated Table 21: Current consumption (IDDCORE) in
Run mode.
Updated Table 39: PLL1_1600, PLL2_1600
characteristics.
Updated Section 6.3.12: PLL spread spectrum clock
generation (SSCG) characteristics.
Updated Table 47: EMS characteristics.
Updated Table 48: EMI characteristics.
Updated Table 76: ADC characteristics.
Updated Table 80: DAC characteristics.
Updated Table 81: DAC accuracy.
Updated Table 82: VREFBUF characteristics.
Updated Table 111: Dynamics characteristics: Ethernet
MAC signals for RGMII.
Updated Figure 61: Ethernet RGMII timing diagram.
Updated Table 113: USB High-Speed PHY
characteristics.
Updated Table 115: Dynamics characteristics: JTAG
characteristics.
Updated Table 116: Dynamics characteristics: SWD
characteristics.
Updated Table 126: STM32MP157C/F ordering
information scheme.
08-Sep-2020
4
Updated Table 1: STM32MP157C/F features and
peripheral counts.
Updated Table 4: Timer feature comparison.
Updated Table 6: Legend/abbreviations used in the
pinout table.
Updated Table 7: STM32MP157C/F pin and ball
definitions.
Updated Table 10: Voltage characteristics.
Updated Table 13: General operating conditions.
Updated Table 27: Low-power mode wakeup timings.
Updated Section : Output buffer timing characteristics
(IO structure with _vh, HSLV option enabled).
Table 127. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com