Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L031C4P6SDTR Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32L031C4P6SDTR
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4P6SDTR Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32L031C4P6SDTR Datasheet HTML 118Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 119Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 120Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 121Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 122Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 123Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 124Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 125Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 126 page
background image
Revision history
STM32L031x4/6
124/126
DS10668 Rev 6
26-Sep-2017
5
Added UFQFPN48 package.
Removed column "I/O operation" from Table 3: Functionalities
depending on the operating power supply range and added note
related to GPIO speed.
In Section 4: Pin descriptions, changed USARTx_RTS and
LPUARTx_RTS into USARTx_RTS_DE and LPUARTx_RTS_DE,
respectively.
In Section 5: Memory mapping, replaced memory mapping
schematic by reference to the reference manual.
Removed note related to WLCSP25 preliminary ballout in
Table 15: Pin definitions.
Updated introduction text in Section 6.2: Absolute maximum
ratings to mention device mission profile and extended mission
profiles.
Added note in Table 52: I/O current injection susceptibility.
Updated minimum and maximum values of I/O weak pull-up
equivalent resistor (RPU) and weak pull-down equivalent resistor
(RPD) in Table 53: I/O static characteristics.
Updated minimum and maximum values of NRST weak pull-up
equivalent resistor (RPU) in Table 56: NRST pin characteristics.
Added note 2. related to the position of the external capacitor
below Figure 28: Recommended NRST pin protection.
Updated Section : I2C interface characteristics.
Updated Figure 31: SPI timing diagram - slave mode and CPHA =
0, Figure 32: SPI timing diagram - slave mode and CPHA = 1(1)
and Figure 33: SPI timing diagram - master mode(1).
Suppressed section USART/LPUART characteristics.
Added reference to optional marking or inset/upset marks in all
package device marking sections.
Updated Figure 36: Example of LQFP48 marking (package top
view) and Table 69: LQFP48 - 48-pin low-profile quad flat
package, 7 x 7 mm, package mechanical data.
Updated Table 71: LQFP32, 7 x 7 mm, 32-pin low-profile quad flat
package mechanical data.
Updated Figure 43: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch
ultra thin fine pitch quad flat package outline and Table 72:
UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch
quad flat package mechanical data.
Updated Table 74: WLCSP25 - 2.097 x 2.493 mm, 0.400 mm
pitch wafer level chip scale mechanical data.
Added notes related to D and E1 in Table 76: TSSOP20 – 20-lead
thin shrink small outline, 6.5 x 4.4 mm, 0.65 mm pitch, package
mechanical data.
Updated Figure 55: Thermal resistance as well as the
corresponding temperature range in the note below the figure.
Renamed Section 8 into Ordering information.
Table 79. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com