Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QTR Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32L552VCU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QTR Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32L552VCU3QTR Datasheet HTML 154Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 155Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 156Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 157Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 158Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 159Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 160Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 161Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 340 page
background image
Table 38. Current consumption in Run mode, code with data processing
running from Flash in single bank, ICACHE disabled and power
supplied by internal SMPS step down converter
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C 105°C 125°C 25°C
55°C
85°C 105°C 125°C
IDD
(Run)
Supply current in
Run mode
fHCLK = fHSE up
to 48 MHz
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disabled
Range 2
SMPS
LP mode
26 MHz
2.38
2.44
2.91
3.60
5.55
2.43
3.23
5.15
7.63
11.61
mA
16 MHz
1.57
1.66
2.11
2.79
4.68
1.64
2.43
4.34
6.8
10.77
8 MHz
0.89
0.99
1.45
2.11
3.97
0.98
1.76
3.65
6.11
10.06
4 MHz
0.54
0.67
1.11
1.77
3.59
0.65
1.41
3.3
5.76
9.7
2 MHz
0.37
0.50
0.94
1.60
3.42
0.48
1.24
3.13
5.59
9.52
1 MHz
0.29
0.41
0.86
1.52
3.33
0.44
1.2
3.09
5.54
9.48
100 KHz
0.21
0.34
0.78
1.43
3.24
0.32
1.08
2.97
5.42
9.36
Range 0
SMPS
HP mode
110 MHz 12.87 13.29 14.25 15.62 18.91 13.02 14.59 17.89 21.92 28.32
Range 1
SMPS
HP mode
80 MHz
8.69
9.01
10.21 11.24 13.82
9.35
10.76
13.6
17.02 22.47
72 MHz
7.88
8.23
9.30
10.34 12.83
8.53
9.98
12.77 16.15 21.57
64 MHz
7.28
7.56
8.67
9.70
12.17
7.86
9.27
12.16 15.54 20.94
48 MHz
5.56
5.81
6.66
7.79
10.30
6.1
7.44
10.46 13.82 19.16
32 MHz
3.87
4.11
4.79
5.87
8.40
4.33
5.65
8.63
12.16 17.41
24 MHz
2.99
3.21
3.87
4.84
7.41
3.41
4.7
7.67
11.28
16.5
16 MHz
2.15
2.36
3.00
3.92
6.45
2.52
3.79
6.73
10.42 15.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com