Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QTR Datasheet(PDF) 167 Page - STMicroelectronics

Part # STM32L552VCU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QTR Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32L552VCU3QTR Datasheet HTML 163Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 164Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 165Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 166Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 167Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 168Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 169Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 170Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 340 page
background image
Table 47. Current consumption in Run and Low-power run modes, code with data processing
running from SRAM2
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply current
in Run mode
fHCLK =
fHSE up to
48 MHz
included,
bypass
mode PLL
ON above
48 MHz all
peripherals
disabled
Range 2
26 MHz
3.20
3.53
4.55
6.08
8.86
4.33
6.79
12.05
18.6
29.56
mA
16 MHz
2.05
2.38
3.40
4.90
7.67
3.19
5.63
10.88
17.41
28.32
8 MHz
1.13
1.45
2.46
3.97
6.71
2.28
4.71
9.94
16.46
27.34
4 MHz
0.67
0.99
1.99
3.47
6.21
1.82
4.25
9.47
15.98
26.84
2 MHz
0.43
0.76
1.75
3.24
5.97
1.59
4.01
9.24
15.74
26.59
1 MHz
0.32
0.63
1.63
3.13
5.86
1.53
3.96
9.18
15.68
26.52
100 KHz
0.22
0.53
1.53
3.01
5.74
1.37
3.79
9
15.5
26.33
Range 0 110 MHz 16.71
17.32
18.86
20.97
24.66
19.04
23.09
31.27
40.87
56.41
Range 1
80 MHz
11.43
11.94
13.30
15.21
18.64
13.29
16.83
24.07
32.71
46.77
72 MHz
10.32
10.82
12.16
14.07
17.48
12.17
15.71
22.94
31.55
45.6
64 MHz
9.219
9.70
11.03
12.94
16.31
11.05
14.58
21.79
30.39
44.44
48 MHz
6.98
7.44
8.77
10.63
13.98
8.79
12.31
19.5
28.16
42.12
32 MHz
4.746
5.19
6.48
8.33
11.65
6.54
10.04
17.2
25.84
39.83
24 MHz
3.62
4.06
5.33
7.17
10.49
5.42
8.9
16.05
24.67
38.64
16 MHz
2.50
2.93
4.19
6.02
9.29
4.29
7.76
14.9
23.51
37.45
IDD(LPRu
n)
Supply current
in Low-power
run mode
fHCLK = fMSI
all peripherals disabled
FLASH in power-down
2 MHz
386.41 774.71
1901
3546
6475
1946
2886
7270
11761
20360
µA
1 MHz
276.23 635.13
1767
3445
6360
1829
2796
6688
12192
20188
400 KHz 196.75 552.97
1679
3339
6278
1757
2749
6961
11520
19976
100 KHz 146.57 513.87
1644
3299
6249
1373
2313
5697
10033
17534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com