Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QTR Datasheet(PDF) 174 Page - STMicroelectronics

Part # STM32L552VCU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QTR Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32L552VCU3QTR Datasheet HTML 170Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 171Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 172Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 173Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 174Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 175Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 176Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 177Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 340 page
background image
Table 54. Typical current consumption in Run mode with internal SMPS,
with different codes running from Flash, ICACHE disabled
Symbol
Parameter
Conditions
TYP
Single
Bank
Mode
TYP
Dual
Bank
Mode
Unit
TYP
Single
Bank
Mode
TYP
Dual
Bank
Mode
Unit
-
Voltage scaling
Code
25°C
25°C
25°C
25°C
IDD
(Run)
Supply current in Run
mode
fHCLK=fHSE up to 48
MHZ included, bypass
mode PLL ON above
48 MHz all peripherals
disabled
Range2, SMPS
LP
fHCLK=26 MHz
Reduced code
2.38
2.41
mA
92
93
µA/MHz
Coremark
2.59
2.44
100
94
Dhrystone2.1
2.67
2.55
103
98
Fibonacci
2.13
2.07
82
79
While
1.80
1.86
69
72
Range 1, SMPS
HP fHCLK=80
MHz
Reduced code
8.7
8.5
mA
109
107
µA/MHz
Coremark
8.4
7.5
106
93
Dhrystone2.1
8.6
7.7
107
96
Fibonacci
7.5
7.0
93
87
While
6.8
7.0
84
87
Range 0, SMPS
HP
fHCLK= 110 MHz
Reduced code
12.9
11.6
mA
117
105
µA/MHz
Coremark
11.9
10.1
109
92
Dhrystone2.1
12.0
10.4
109
94
Fibonacci
11.3
10.1
102
92
While
10.7
11.1
97
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com