Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QTR Datasheet(PDF) 202 Page - STMicroelectronics

Part # STM32L552VCU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QTR Datasheet(HTML) 202 Page - STMicroelectronics

Back Button STM32L552VCU3QTR Datasheet HTML 198Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 199Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 200Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 201Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 202Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 203Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 204Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 205Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 340 page
background image
IDD
(Standby
with RTC)
(continued)
Supply current in
Standby mode
(backup registers
retained),
RTC enabled
(continued)
RTC clocked
by LSE
quartz in low
drive mode
1.8 V
491
-
-
-
-
-
-
-
-
-
nA
2.4 V
574
-
-
-
-
-
-
-
-
-
3 V
696
-
-
-
-
-
-
-
-
-
3.6 V
870
-
-
-
-
-
-
-
-
-
RTC clocked
by LSE
quartz in low
drive mode
with
LPCAL = 1,
ULPEN = 1
1.8 V
222
-
-
-
-
-
-
-
-
-
2.4 V
250
-
-
-
-
-
-
-
-
-
3 V
297
-
-
-
-
-
-
-
-
-
3.6 V
403
-
-
-
-
-
-
-
-
-
IDD
(SRAM2)
Supply current to
be added in
Standby mode
when Full SRAM2
(64KB) is retained
-
1.8 V
668
3089
13834 34240
75362
1834
8192
28470
36317
135595
2.4 V
704
3193
14412 35468
78515
1859
8376
28905
36890
140894
3 V
739
3283
14722 36843
82664
1907
8514
29857
37533
144576
3.6 V
840
3571
15867 38708
88150
1973
8919
30509
38460
149487
IDD
(SRAM)
Supply current to
be added in
Standby mode
when partial
SRAM2 (4 KB) is
retained
-
1.8 V
164
658
3378
9485
23856
518
2685
8359
8164
39054
2.4 V
201
764
3853
10707
26844
585
2758
9134
8842
47739
3 V
231
871
4319
12043
31160
606
3243
9975
9601
51857
3.6 V
326
1128
5250
14470
36553
723
3570
10872
10707
55419
IDD (wakeup
from
Standby)
Supply current
during wakeup
from Standby
mode
Wakeup
clock is
MSI = 4 MHz
3 V
1.11
---
-
-
-
-
-
-
mA
Table 79. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com