Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCT6PTR Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32L552VCT6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PTR Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32L552VCT6PTR Datasheet HTML 149Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 150Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 151Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 152Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 153Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 154Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 155Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 156Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 340 page
background image
Table 33. Current consumption in Run and Low-power run modes, code with data processing
running from Flash in single Bank, ICACHE ON in 2-way
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C
105°
C
125°C 25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to 48 MHz
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disabled
Range 2
26 MHz
3.20
3.54
4.47
5.80
8.10
4.38
6.84
12.12
18.82
29.63
mA
16 MHz
2.05
2.38
3.31
4.62
6.92
3.24
5.69
10.95
17.63
28.39
8 MHz
1.14
1.45
2.38
3.68
5.97
2.33
4.77
10.02
16.68
27.42
4 MHz
0.675
0.99
1.91
3.22
5.50
1.87
4.30
9.55
16.20
26.92
2 MHz
0.441
0.758
1.67
2.97
5.25
1.64
4.07
9.31
15.96
26.68
1 MHz
0.326
0.639
1.54
2.86
5.14
1.59
4.01
9.26
15.90
26.62
100 KHz
0.223
0.533
1.45
2.74
5.03
1.43
3.85
9.09
15.73
26.56
Range 0
110 MHz
16.7
17.3
18.7
20.5
23.7
19.07 21.53
31.38
41.23
56.59
Range 1
80 MHz
11.4
11.9
13.2
14.8
17.7
13.33 16.89
24.17
33.07
46.91
72 MHz
10.3
10.8
12.0
13.7
16.6
12.22 15.76
23.03
31.92
45.75
64 MHz
9.20
9.68
10.9
12.6
15.4
11.10 14.64
21.89
30.78
44.60
48 MHz
6.97
7.44
8.64
10.3
13.1
8.85
12.38
19.62
28.48
42.29
32 MHz
4.73
5.18
6.36
7.97
10.8
6.61
10.12
17.32
26.15
39.93
24 MHz
3.62
4.06
5.22
6.82
9.6
5.49
8.99
16.17
24.99
38.82
16 MHz
2.51
2.93
4.08
5.67
8.4
4.37
7.85
15.02
23.83
37.64
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disabled
2 MHz
424
779
1816 3274 5719
2026
5001
12861
20164
31407
µA
1 MHz
296
648
1686 3124 5588
1905
4941
11969
18559
31355
400 KHz
192
561
1594 3047 5499
1832
4762
11881
18519
31266
100 KHz
163
528
1559 3012 5469
1799
4573
11877
18469
31247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com