Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCT6PTR Datasheet(PDF) 173 Page - STMicroelectronics

Part # STM32L552VCT6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PTR Datasheet(HTML) 173 Page - STMicroelectronics

Back Button STM32L552VCT6PTR Datasheet HTML 169Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 170Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 171Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 172Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 173Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 174Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 175Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 176Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 340 page
background image
Table 53. Typical current consumption in Run and Low-power run modes,
with different codes running from Flash, ICACHE disabled
Symbol
Parameter
Conditions
TYP
Single
Bank
Mode
TYP
Dual
Bank
Mode
Unit
TYP
Single
Bank
Mode
TYP
Dual
Bank
Mode
Unit
-
Voltage scaling
Code
25°C
25°C
25°C
25°C
IDD
(Run)
Supply current in
Run mode
fHCLK=fHSE up to
48 MHZ included,
bypass mode PLL ON
above 48 MHz all
peripherals disabled
Range2
fHCLK=26 MHz
Reduced code
4.08
4.17
mA
157
160
µA/MHz
Coremark
4.42
4.22
170
162
Dhrystone2.1
4.56
4.41
175
170
Fibonacci
3.62
3.55
139
137
While
3.04
3.14
117
121
Range 1 fHCLK=80
MHz
Reduced code
14.1
13.9
mA
176
174
µA/MHz
Coremark
13.6
12.2
171
152
Dhrystone2.1
12.5
12.5
156
156
Fibonacci
12.1
11.3
151
142
While
10.9
11.3
136
141
Range 0
fHCLK= 110 MHz
Reduced code
18.8
17.2
mA
171
156
µA/MHz
Coremark
17.5
15.2
159
138
Dhrystone2.1
17.7
15.5
161
141
Fibonacci
16.6
15.1
151
138
While
15.9
16.5
145
150
IDD(LPR
un)
Supply current in
Low-power run
fHCLK = fMSI = 2MHz all peripherals
disabled
Reduced code
511
484
µA
255
242
µA/MHz
Coremark
577
550
289
275
Dhrystone2.1
599
551
299
275
Fibonacci
470
462
235
231
While
416
398
208
199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com