Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6PTR Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32L552VCU6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PTR Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32L552VCU6PTR Datasheet HTML 167Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 168Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 169Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 170Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 171Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 172Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 173Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 174Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 340 page
background image
Table 51. Typical current consumption in Run and Low-power run modes,
with different codes running from Flash, ICACHE ON (1-way)
Symbol
Parameter
Conditions
TYP
Single Bank
Mode
TYP
Dual
Bank
Mode
Unit
TYP
Single
Bank
Mode
TYP
Dual
Bank
Mode
Unit
-
Voltage scaling
Code
25°C
25°C
25°C
25°C
IDD
(Run)
Supply current in
Run mode
fHCLK=fHSE up to
48 MHZ included,
bypass mode PLL
ON above 48 MHz
all peripherals
disabled
Range2
fHCLK=26 MHz
Reduced code
3.10
3.10
mA
119
119
µA/MHz
Coremark
3.26
3.26
125
125
Dhrystone2.1
3.48
3.47
134
133
Fibonacci
2.95
2.95
114
113
While
2.73
2.72
105
105
Range 1
fHCLK=80 MHz
Reduced code
11.0
11.0
mA
138
138
µA/MHz
Coremark
11.6
11.6
145
145
Dhrystone2.1
12.4
12.4
155
155
Fibonacci
10.4
10.4
130
130
While
9.7
9.7
121
121
Range 0
fHCLK= 110
MHz
Reduced code
16.1
16.1
mA
147
147
µA/MHz
Coremark
17.0
17.0
154
154
Dhrystone2.1
18.2
18.1
165
164
Fibonacci
15.2
15.2
138
138
While
14.2
14.2
129
129
IDD
(LPRu
n)
Supply current in
Low-power run
fHCLK = fMSI = 2 MHz all peripherals
disabled
Reduced code
416
395
µA
208
198
µA/MHz
Coremark
425
389
213
194
Dhrystone2.1
451
405
226
203
Fibonacci
392
375
196
188
While
355
372
178
186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com