Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU6QXXX Datasheet(PDF) 336 Page - STMicroelectronics

Part # STM32L552VCU6QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6QXXX Datasheet(HTML) 336 Page - STMicroelectronics

Back Button STM32L552VCU6QXXX Datasheet HTML 332Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 333Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 334Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 335Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 336Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 337Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 338Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 339Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 340Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 336 / 340 page
background image
Revision history
STM32L552xx
336/340
DS12737 Rev 6
18-Dec-2019
2
(continued)
Updated Table 48: Current consumption in Run mode,
code with data processing running from SRAM2 and
power supplied by internal SMPS step down converter.
Updated Table 61: Current consumption in Sleep mode,
Flash ON and power supplied by internal SMPS step
down converter.
Updated Table 76: Current consumption in Stop 2 mode.
Updated Table 77: Current consumption in Stop 1
mode..
Updated Table 79: Current consumption in Standby
mode.
Updated Table 80: Current consumption in Shutdown
mode.
Updated Table 81: Current consumption in VBAT mode.
Updated Table 83: Low-power mode wakeup timings.
Updated Table 102: I/O static characteristics.
Updated Table 103: Output voltage characteristics.
Updated Table 129: SPI characteristics.
Updated Table 130: SAI characteristics.
Updated Table 146: OCTOSPI characteristics in SDR
mode.
Updated Table 147: OCTOSPI characteristics in DTR
mode (no DQS).
Updated Table 148: OCTOSPI characteristics in DTR
mode (with DQS)/Octal and HyperBus.
11-Feb-2020
3
Updated LQFP silhouette on cover page.
Updated Table 2: STM32L552xx features and peripheral
counts.
Updated Figure 1: STM32L552xx block diagram.
Updated Section 3.1: Arm® Cortex®-M33 core with
TrustZone® and FPU
Updated Section 3.2: Art Accelerator – instruction cache
(ICACHE)
Updated Section 3.6: Boot modes
Updated Table 5: Boot space versus RDP protection.
Updated Table 6: Example of memory map security
attribution vs SAU configuration regions.
Updated Table 7: Securable peripherals by TZSC.
Updated Section 3.9.4: SMPS step down converter.
Updated Table 10: STM32L552xx modes overview.
Updated Table 11: Functionalities depending on the
working mode.
Updated Table 12: STM32L552xx peripherals
interconnect matrix.
Updated Section 3.17.1: Nested vectored interrupt
controller (NVIC).
Table 164. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com