Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ6STR Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32L4R5VGJ6STR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ6STR Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32L4R5VGJ6STR Datasheet HTML 144Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 145Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 146Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 147Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 148Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 149Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 150Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 151Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 307 page
background image
Table 26. Current consumption in Run and Low-power run modes, code with data processing
running from Flash in single Bank, ART enable (Cache ON Prefetch OFF)
and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Unit
-
VDD12
fHCLK
25°C
55°C
85°C
105°C
125°C
IDD(Run)
Supply
current in Run
mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above 48 MHz
all peripherals
disable
VDD12=1.20V
120 MHz
7.42
7.82
8.42
9.22
10.83
mA
VDD12=1.10V
80 MHz
4.13
4.31
4.85
5.57
6.83
72 MHz
3.77
3.95
4.49
5.21
6.47
64 MHz
3.33
3.50
3.95
4.85
6.11
48 MHz
2.64
2.82
3.34
4.13
5.39
32 MHz
1.80
1.98
2.50
3.22
4.49
26 MHz
1.47
1.64
2.11
2.83
4.08
16 MHz
0.95
1.10
1.60
2.29
3.54
8 MHz
0.54
0.69
1.16
1.85
3.11
4 MHz
0.32
0.47
0.95
1.64
2.89
2 MHz
0.21
0.37
0.84
1.53
2.78
1 MHz
0.16
0.32
0.80
1.49
2.74
100 KHz
0.11
0.27
0.75
1.45
2.70
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com