Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ6STR Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32L4R5VGJ6STR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ6STR Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32L4R5VGJ6STR Datasheet HTML 160Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 161Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 162Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 163Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 164Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 165Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 166Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 167Page - STMicroelectronics STM32L4R5VGJ6STR Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 307 page
background image
Table 40. Typical consumption in Run and Low-power run modes, with different codes
running from SRAM1 and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Unit
TYP
Unit
-
VDD12
fHCLK
Code
25°C
25°C
IDD (Run)
Supply current
in Run mode
fHCLK=fHSE up to 48
MHZ included,
bypass mode PLL
ON above 48 MHz
all peripherals
disable
VDD12=1.05 V
fHCLK=
26 MHz
Reduced code
1.32
mA
51
µA/MHz
Coremark
1.22
47
Dhrystone2.1
1.43
55
Fibonacci
1.26
48
While(1)
1.12
43
VDD12=1.10V
fHCLK=
26 MHz
Reduced code
1.45
mA
56
µA/MHz
Coremark
1.34
51
Dhrystone2.1
1.57
61
Fibonacci
1.38
53
While(1)
1.23
47
fHCLK=
80 MHz
Reduced code
3.95
mA
59
µA/MHz
Coremark
3.77
57
Dhrystone2.1
4.49
67
Fibonacci
3.77
57
While(1)
3.38
51
VDD12=1.20V
fHCLK=
120 MHz
Reduced code
7.2
mA
60
µA/MHz
Coremark
6.6
55
Dhrystone2.1
7.8
65
Fibonacci
7.0
58
While(1)
6.0
50
1.
All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com