Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 161 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 161 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 157Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 158Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 159Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 160Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 161Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 162Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 163Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 164Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 340 page
background image
Table 41. Current consumption in Run and Low-power run modes, code with data processing
running from Flash in dual bank, ICACHE disabled
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current in Run
mode
fHCLK =
fHSE up to
48MHz
included,
bypass
mode PLL
ON above
48 MHz all
peripherals
disabled
Range 2
26 MHz
4.17
4.52
5.55
7.10
9.86
5.38
7.84
13.11
19.77
30.58
mA
16 MHz
2.73
3.07
4.09
5.63
8.40
3.93
6.38
11.64
18.28
29.07
8 MHz
1.47
1.80
2.81
4.32
7.05
2.67
5.11
10.35
16.98
27.75
4 MHz
0.84
1.166
2.16
3.66
6.39
2.04
4.47
9.70
16.33
27.08
2 MHz
0.52
0.84
1.84
3.33
6.05
1.73
4.16
9.38
16.00
26.76
1 MHz
0.36
0.68
1.68
3.18
5.89
1.65
4.08
9.30
15.92
26.67
100 KHz
0.22
0.53
1.53
3.03
5.74
1.43
3.86
9.08
15.70
26.44
Range 0 110 MHz 17.20
17.81
19.35
21.47
25.17
19.96
24.02
32.20
42.00
57.39
Range 1
80 MHz
13.93
14.47
15.86
17.80
21.23
16.17
19.70
26.96
35.83
49.73
72 MHz
12.60
13.12
14.51
16.45
19.86
14.80
18.34
25.59
34.46
48.34
64 MHz
11.82
12.34
13.73
15.65
19.05
13.90
17.45
24.69
33.55
47.42
48 MHz
8.922
9.42
10.78
12.69
16.08
10.97
14.51
21.73
30.58
44.45
32 MHz
6.24
6.72
8.03
9.92
13.28
8.22
11.74
18.93
27.74
41.65
24 MHz
4.75
5.21
6.50
8.35
11.67
6.70
10.20
17.37
26.16
40.06
16 MHz
3.38
3.83
5.09
6.93
10.22
5.28
8.77
15.92
24.70
38.58
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disabled
2 MHz
483.6
4
889.5
6
2022
3671
6622
2109
5283
12566
20777
31527
µA
1 MHz
332.2
4
705.1
9
1836
3468
6424
1954
5032
11918
18517
31263
400 KHz
206.5
9
588.2
5
1722
3355
6314
1849
4802
11889
18449
31148
100 KHz
156.4
1
527.8
0
1666
3315
6247
1809
4600
11847
18240
30791



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com