Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 186 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 186 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 182Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 183Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 184Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 185Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 186Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 187Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 188Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 189Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 340 page
background image
Table 66. Current consumption in Run mode, code with data processing running from Flash
in dual bank, ICACHE on in 1-way and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Unit
-
VDD12
fHCLK
25°C
55°C
85°C
105°C
125°C
IDD(Run)
Supply current in Run
mode
fHCLK = fHSE up to 48 MHz
included, bypass mode PLL ON
above 48 MHz all peripherals
disabled
VDD12=1.2V 110 MHz
6.47
6.72
7.34
8.02
9.68
mA
VDD12=1.1V
80 MHz
3.97
4.15
4.64
5.33
6.55
72 MHz
3.58
3.76
4.25
4.94
6.15
64 MHz
3.2
3.38
3.86
4.54
5.75
48 MHz
2.42
2.59
3.06
3.74
4.95
32 MHz
1.65
1.81
2.27
2.95
4.13
26 KHz
1.114
1.237
1.603
2.157
3.153
16 MHz
0.719
0.834
1.201
1.74
2.732
8 MHz
0.399
0.514
0.877
1.416
2.401
4 MHz
0.237
0.352
0.708
1.251
2.229
2 MHz
0.155
0.273
0.629
1.165
2.15
1 MHz
0.115
0.23
0.586
1.129
2.103
100 KHz
0.079
0.194
0.55
1.086
2.067
1.
All values are obtained by calculation based on measurements done with internal voltage regulator and using following parameters: SMPS input = 3.3 V, SMPS efficiency
= 85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com