Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCU3QXXX Datasheet(PDF) 194 Page - STMicroelectronics

Part # STM32L552VCU3QXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX Datasheet(HTML) 194 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 190Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 191Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 192Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 193Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 194Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 195Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 196Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 197Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 340 page
background image
Table 74. Current consumption in Run mode, code with data processing running from SRAM1,
and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Unit
TYP
Unit
-
VDD12
fHCLK
code
25°C
25°C
IDD(Run) Supply current in Run mode
fHCLK = fHSE up to 48MHz included,
bypass mode PLL ON above 48 MHz
all peripherals disabled
VDD12=1.00V
fHCLK=26MHz
Reduced code
1.22
mA
46.92
µA/MHz
Coremark
0.57
21.92
Dhrystone2.1
1.26
48.46
Fibonacci
1.31
50.38
While(1)
1.43
55
VDD12=1.10V
fHCLK=26MHz
Reduced code
1.48
mA
56.92
µA/MHz
Coremark
0.69
26.54
Dhrystone2.1
1.52
58.46
Fibonacci
1.59
61.15
While(1)
1.73
66.54
fHCLK=80MHz
Reduced code
4.18
mA
52.25
µA/MHz
Coremark
1.84
23
Dhrystone2.1
4.29
53.63
Fibonacci
4.5
56.25
While(1)
5.01
62.63
VDD12=1.20V fHCLK=110MHz
Reduced code
6.81
mA
61.91
µA/MHz
Coremark
2.97
27
Dhrystone2.1
7
63.64
Fibonacci
7.34
66.73
While(1)
8.19
74.45
1. All values are obtained by calculation based on measurements done with internal voltage regulator and using following parameters: SMPS input = 3.3 V, SMPS efficiency =
85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com