Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL55JC Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32WL55JC
Description  Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL55JC Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32WL55JC Datasheet HTML 97Page - STMicroelectronics STM32WL55JC Datasheet HTML 98Page - STMicroelectronics STM32WL55JC Datasheet HTML 99Page - STMicroelectronics STM32WL55JC Datasheet HTML 100Page - STMicroelectronics STM32WL55JC Datasheet HTML 101Page - STMicroelectronics STM32WL55JC Datasheet HTML 102Page - STMicroelectronics STM32WL55JC Datasheet HTML 103Page - STMicroelectronics STM32WL55JC Datasheet HTML 104Page - STMicroelectronics STM32WL55JC Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 145 page
background image
DS13293 Rev 1
101/145
STM32WL55/54xx
Electrical characteristics
135
Figure 18. HSI16 frequency versus temperature
TRIM
HSI16 user trimming step
Trimming code is not a
multiple of 48
0.2
0.3
0.4
%
Trimming code is a
multiple of 48
–4
–6
–8
DuCy(HSI16)
(2)
Duty cycle
-
45
-
55
∆Temp(HSI16) HSI16 oscillator frequency drift
Tj = 0 to 85 °C
–1
-
1
Tj = -40 to 125 °C
–2
-
1.5
∆VDD(HSI16) HSI16 oscillator frequency drift over VDD VDD = 1.8 V to 3.6 V
–0.1
-
0.05
tsu(HSI16)(2)
HSI16 oscillator start-up time
-
-
0.8
1.2
μs
tstab(HSI16)(2) HSI16 oscillator stabilization time
-
-
3
5
IDD(HSI16)(2) HSI16 oscillator power consumption
-
-
155
190
μA
1. Guaranteed by characterization results.
2. Guaranteed by design.
Table 64. HSI16 oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv66006V3
15.6
15.7
15.8
15.9
16
16.1
16.2
16.3
16.4
-40
-20
0
20
40
60
80
100
120
MHz
°C
Mean
Min
Max
+2 %
+1.5 %
+1 %
-1 %
-1.5 %
-2 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com