Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB35CCU6ATR Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32WB35CCU6ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6ATR Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32WB35CCU6ATR Datasheet HTML 115Page - STMicroelectronics STM32WB35CCU6ATR Datasheet HTML 116Page - STMicroelectronics STM32WB35CCU6ATR Datasheet HTML 117Page - STMicroelectronics STM32WB35CCU6ATR Datasheet HTML 118Page - STMicroelectronics STM32WB35CCU6ATR Datasheet HTML 119Page - STMicroelectronics STM32WB35CCU6ATR Datasheet HTML 120Page - STMicroelectronics STM32WB35CCU6ATR Datasheet HTML 121Page - STMicroelectronics STM32WB35CCU6ATR Datasheet HTML 122Page - STMicroelectronics STM32WB35CCU6ATR Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 193 page
background image
DS11929 Rev 10
119/193
STM32WB55xx STM32WB35xx
Electrical characteristics
169
6.3.10
External clock source characteristics
High-speed external user clock generated from an external source
The high-speed external (HSE) clock is supplied with a 32 MHz crystal oscillator or a sine
wave.
The devices include internal programmable capacitances that can be used to tune the
crystal frequency in order to compensate the PCB parasitic one.
The characteristics in Table 54 and Table 55 are measured over recommended operating
conditions, unless otherwise specified. Typical values are referred to TA = 25 °C and 
VDD = 3.0 V.
Table 54. HSE crystal requirements(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fNOM
Oscillator frequency
-
-
32
-
MHz
fTOL
Frequency tolerance
Includes initial accuracy, stability over
temperature, aging and frequency pulling
due to incorrect load capacitance.
--
(2)
ppm
CL
Load capacitance
-
6
-
8
pF
ESR
Equivalent series resistance
-
-
-
100
Ω
1. 32 MHz XTAL is specified for two specific references: NX2016SA and NX1612SA.
2. Refer to the standard specification: 50 ppm for BLE, 40 ppm for 802.15.4 and when both BLE and 802.15.4 are used.
Table 55. HSE clock source requirements(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source frequency
-
32
-
MHz
fTOL
Frequency tolerance
Includes initial accuracy, stability
over temperature and aging.
--
(2)
ppm
VHSE
Clock input voltage limits
Sine wave, AC-coupled(3)
0.4
-
1.6
VPP
DuCy(HSE) Duty cycle
-
45
50
55
%
φn(HSE)
Phase noise for 32 MHz
Offset = 10 kHz
-
-
-127
dBc/Hz
Offset = 100 kHz
-
-
-135
Offset = 1 MHz
-
-
-138
1. Guaranteed by design.
2. Refer to the standard specification: 50 ppm for BLE, 40 ppm for 802.15.4 and when both BLE and 802.15.4 are used.
3. Only AC coupled is supported (capacitor 470 pF to 100 nF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com