Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ3STR Datasheet(PDF) 161 Page - STMicroelectronics

Part # STM32L4R5VGJ3STR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3STR Datasheet(HTML) 161 Page - STMicroelectronics

Back Button STM32L4R5VGJ3STR Datasheet HTML 157Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 158Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 159Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 160Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 161Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 162Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 163Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 164Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 307 page
background image
Table 37. Typical current consumption in Run and Low-power run modes,
with different codes running from Flash, ART disable
Symbol
Parameter
Conditions
Code
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
-
Voltage
scaling
25°C
25°C
25°C
25°C
IDD (Run)
Supply
current in
Run mode
fHCLK=fHSE up
to 48 MHZ
included,
bypass mode
PLL ON
above 48 MHz
all peripherals
disable
Range2
fHCLK=26
MHz
Reduced code(1)
4.00
4.10
mA
154
158
µA/MHz
Coremark
4.15
3.80
160
146
Dhrystone2.1
4.40
4.00
169
154
Fibonacci
3.80
3.60
146
138
While(1)
3.15
3.15
121.2
121.2
Range 1
Normal
Mode
fHCLK=
80 MHz
Reduced code(1)
13.0
13.0
mA
163
163
µA/MHz
Coremark
13.0
12.0
163
150
Dhrystone2.1
14.0
12.5
175
156
Fibonacci
11.5
11.0
144
138
While(1)
10.5
10.5
131
131
Range 1
Boost
Mode
fHCLK=
120 MHz
Reduced code(1)
18.5
17.0
mA
154
142
µA/MHz
Coremark
18.0
16.0
150
133
Dhrystone2.1
19.0
16.5
158
138
Fibonacci
16.0
15.0
133
125
While(1)
16.5
16.5
138
138
IDD
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI = 2MHz all
pripherals disable
Reduced code(1)
595
590
µA
298
295
µA/MHz
Coremark
620
580
310
290
Dhrystone2.1
645
655
323
328
Fibonacci
670
580
335
290
While(1)
470
685
235
343
1. Reduced code used for characterization results provided in Table 25, Table 29, Table 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com