Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ3STR Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32L4R5VGJ3STR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3STR Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32L4R5VGJ3STR Datasheet HTML 173Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 174Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 175Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 176Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 177Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 178Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 179Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 180Page - STMicroelectronics STM32L4R5VGJ3STR Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 307 page
background image
DS12023 Rev 5
177/307
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
280
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 52. The MCU is placed
under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 18:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 52. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 51. Peripheral current consumption
Peripheral
Range 1
Boost
Mode
Range 1
Normal
Mode
Range 2
Low-power
run and
sleep
Unit
AHB
Bus Matrix
10.5
9.65
7.7
9
µA/MHz
ADC independent
clock domain
0.25
0.25
0.125
0.5
ADC AHB clock
domain
32.75
2.6
3.5
CRC
0.835
0.875
0.835
0.5
DCMI
7.15
6.65
5.5
7
DMA1
3.15
2.9
2.5
2.5
DMA2
2.85
2.65
2.5
2.5
DMA2D
29.5
27.5
22.5
26
DMAMUX
5.35
5.15
4.15
4.5
FLASH
7.75
7.25
6.25
6.5
FMC
10.5
9.65
8.35
9.5
GFXMMU
5.6
5.25
4.6
4.5
GPIOA
1.85
1.75
1.4
1
GPIOB
1.75
1.65
1.35
1.5
GPIOC
2.4
2.25
1.9
2.5
GPIOD
1.85
1.75
1.45
2
GPIOE
1.85
1.75
1.45
1.5
GPIOF
2
1.75
1.55
2
GPIOG
2.25
2.15
1.8
2.5
GPIOH
2.35
2.15
1.8
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com