Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4V-S12-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # AS4V-S12-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AS4V-S12-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  AS4V-S12-R Datasheet HTML 1Page - M-System Co.,Ltd. AS4V-S12-R Datasheet HTML 2Page - M-System Co.,Ltd. AS4V-S12-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 3 page
background image
MODEL: AS4V
AS4V SPECIFICATIONS
ES-1609 Rev.20 Page 4/5
https://www.m-system.co.jp/
TERMINAL ASSIGNMENTS unit: mm (inch)
7
8
2
1
11
10
3
9
4
INPUT RESISTOR
(model: REM)
5
6
Input shunt resistor attached
for current input.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
LOAD
Inductive
Load (Coil)
Varistor or Spark
Quenching Circuit
• DC Powered
LOAD
Inductive
Load (Coil)
Diode, Varistor or
CR Circuit
■ Relay Protection
• AC Powered
U
Ry
Ry
Ry
Ry
Ry
Ry
Base Socket
U(+)
V(–)
POWER
7
8
4
Digital
Computation
Circuit
+
–
*
INPUT
5
Low Drift
Amplifier
R
6
*Input shunt resistor attached for current input.
10
11
9
2
3
1
L2 OUTPUT
L1 OUTPUT
N.C.
N.O.
COM
N.C.
N.O.
COM
L1
L2
DATA
ITEM
• SPDT Relay Output
n OUTPUT CODE: 5, 5A
Base Socket
U(+)
V(–)
POWER
7
8
4
Digital
Computation
Circuit
+
–
*
INPUT
5
Low Drift
Amplifier
R
6
*Input shunt resistor attached for current input.
10
11
9
2
3
1
L4 OUTPUT
L1 OUTPUT
COM
L3 OUTPUT
L2 OUTPUT
COM
L1
L3
DATA
ITEM
• N.O. Relay Output
L2
L4
n OUTPUT CODE: 2, 2A
• N.C. Relay Output
n OUTPUT CODE: 3, 3A
10
11
9
2
3
1
L4 OUTPUT
L1 OUTPUT
COM
L3 OUTPUT
L2 OUTPUT
COM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com