Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5TS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # B5TS
Description  Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B5TS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  B5TS Datasheet HTML 1Page - M-System Co.,Ltd. B5TS Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
MODEL: B5TS
B5TS SPECIFICATIONS
ES-1512 Rev.7 Page 3/4
https://www.m-system.co.jp/
EXTERNAL VIEW
7
8
5
6
3
4
1
2
Span Adj.
Zero Adj.
Power LED
EXTERNAL DIMENSIONS unit: mm [inch]
7
8
5
6
3
4
1
2
25 (.98)
41 (1.61)
[3.3 (.13)]
• When mounting, no extra space is needed between units.
DIN RAIL
35mm wide
8–M3.5 SCREW
7.3 (.29)
TERMINAL ASSIGNMENTS unit: mm [inch]
7
8
5
6
3
4
1
2
CJC SENSOR
(model: CJM)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com