Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-10256-23 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # R-10256-23
Description  MEAS STATOR RTD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

R-10256-23 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  R-10256-23 Datasheet HTML 1Page - TE Connectivity Ltd R-10256-23 Datasheet HTML 2Page - TE Connectivity Ltd R-10256-23 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MEAS STATOR RTD
Temperature Sensor
TESS-ANDO-408-
0000052
SENSOR SOLUTIONS /// MEAS STATOR RTD
REV B
Page 3
te.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to
herein might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or
misuse of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2016 TE Connectivity Ltd. family of companies All Rights Reserved.
Ordering Information
STATOR RTD SENSOR, REAR EXIT
Model Classification Temperature Limit
Material
Dielectric Strength
300F
300H
Class F
Class H
155°C
180°C
Epoxy Glass
Epoxy Glass
3,000 Volts
2,000 Volts
Model Element
Accuracy
Temperature Coefficient
P2B
P2C
P2D
G2C
C1D
N3C
Platinum
Platinum
Platinum
Platinum
Copper
Nickel
100 Ohm ±.12% at 0°C
100 Ohm ±.5% at 0°C
100 Ohm ±.2% at 0°C
100 Ohm ±.5% at 0°C
10 Ohm ±.2% at 25°C
120 Ohm ±.5% at 0°C
.00385
.00385
.00385
.00392
.00427
.00672
Model 'L' Body Length
----
Define 'L' Length in Inches
Example: 10.00 = 10.00”; 6.25 = 6.25”
Model Leadwires, Element Configuration
Color Code
2S
3S
4S
3D
Two Wire, Single
Three Wire, Single
Four Wire, Single
Three Wire, Dual
Red/White
Red/White/White
Red/Red/White/White
Red/White/White // Blue/Yellow/Yellow
Model 'T' Body Thickness
Standard Leadwires
A
B
C
D
E
F
G
H
.030"
.050"
.078"
.093"
.125"
.093"
.125"
.030”
30 AWG
26 AWG
22 AWG
22 AWG
22 AWG
22 AWG, Jacketed Cable
22 AWG, Jacketed Cable
26 AWG (0.050” Thick at Lead Exit)
Model 'Y' Leadwire/Cable Options
----
Define 'Y' Length in Whole Inches (120 = 120.0"; 036 = 36.0”)
Model 'W' Body Width
A
B
C
D
E
F
.260" (Single Element Only)
.305" (Single Element Only)
.344" (Single Element Only)
.455" (Single Element Only)
.500"
.625"
STOCKED PART NUMBERS*
Part Number Model Number
R-8203
R-8204
R-8205
R-7119
R-1802
20021264-00
R-5156
R-7124
R-7123
R-10256-23
300H C1D 10.00 3S H 180 A
300H P2C 10.00 3S H 180 A
300H N3C 10.00 3S H 180 A
300H P2C 10.00 3S C 180 B
300H C1D 10.00 3S C 036 B
300F G2C 11.00 3S B 096 C
300F G2C 12.00 3S B 096 C
300H C1D 6.00 3S H 180 A
300H N3C 6.00 3S H 180 A
300H P2C 10.00 3D A 096 E
* Please consult factory for availability.
NORTH AMERICA
Measurement Specialties, Inc.,
a TE Connectivity Company
Tel: 800-522-6752
customercare.ando@te.com
EUROPE
Measurement Specialties (Europe), Ltd.,
a TE Connectivity Company
Tel: 800-440-5100
customercare.tlse@te.com
ASIA
Measurement Specialties (China), Ltd.,
a TE Connectivity Company
Tel: 0400-820-6015
customercare.chdu@te.com


Similar Part No. - R-10256-23

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
R-10224-16 TEC-R-10224-16 Datasheet
118Kb / 3P
   Temperature Sensor
More results

Similar Description - R-10256-23

ManufacturerPart #DatasheetDescription
logo
Humirel
DPP902S000 HUMIREL-DPP902S000 Datasheet
215Kb / 4P
   MEAS WEATHER SHIELD
HTU21D HUMIREL-HTU21D Datasheet
0Kb / 7P
   MEAS HTU21D XPLAINED PRO BOARD
DPP301G000 HUMIREL-DPP301G000 Datasheet
160Kb / 3P
   MEAS HTU21D SENSOR FOR GROVE SYSTEM
TSYS02D HUMIREL-TSYS02D Datasheet
156Kb / 3P
   MEAS TSYS02D SENSOR FOR GROVE SYSTEM
logo
Pepperl+Fuchs Inc.
LB5001A PF-LB5001A Datasheet
513Kb / 3P
   RTD Converter
2021-12-01
FB5204B PF-FB5204B Datasheet
617Kb / 4P
   RTD Converter
FB5201B PF-FB5201B Datasheet
518Kb / 3P
   RTD Converter
KFD0-TR-1 PF-KFD0-TR-1 Datasheet
864Kb / 5P
   RTD Converter
logo
List of Unclassifed Man...
ADM220 ETC1-ADM220 Datasheet
101Kb / 1P
   RTD TRANSMITTER
logo
Extech Instruments Corp...
407907 EXTECH-407907 Datasheet
100Kb / 4P
   RTD Thermometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com