Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL135-R47 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # MPL135-R47
Description  Big current (55A), Footprint compatible with most standard, Lower temperature rise at big current, Low DCR, Without noise
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MPL135-R47 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

  MPL135-R47 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 1 page
background image
General data
Operate time at U
nom typ. / max.
Release time without diode in parallel (non-latching), typ. / max.
Release time with diode in parallel (non-latching), typ. / max.
Bounce time at closing contact, typ. / max.
Maximum switching rate without load
Ambient temperature
Thermal resistance
Maximum permissible coil temperature
Vibration resistance (function)
Shock resistance, half sinus, 11 ms
Degree of protection
Needle flame test
Mounting position
Processing information
Weight (mass)
Terminal surface
Resistance to soldering heat
4 ms / 5 ms
1 ms / 3 ms
4 ms / 6 ms
1 ms / 5 ms
50 operations/s
-55° C ... +85° C
< 85 K/W
115° C
10 G
10 to 500 Hz
10 G / 30 G (function)
30 G (damage)
immersion cleanable, IP 67
application time 10 s,
any
Ultrasonic cleaning is not recommended
max. 5 g
SnCu 0.7
260° C / 10 s
All data refers to 23° C unless otherwise specified.
MT2 Relay
Tube for THT version - 25 relays per stick, 1’000 relays per box
Packing
Capacitance
between coil and contacts
between adjacent contact sets
between open contacts
RF Characteristics
Isolation at 100 / 900 MHz
Insertion loss at 100 / 900 MHz
V.S.W.R. at 100 / 900 MHz
max. 4 pF
max. 2 pF
max. 2 pF
- 31.8 dB / - 14.2 dB
- 0.02 dB / - 0.97 dB
1.03 / 1.31
High Frequency Data
Page 7 (9)
108-98006 Rev. C
Dimensions in mm



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com