Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL135-R47 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # MPL135-R47
Description  Big current (55A), Footprint compatible with most standard, Lower temperature rise at big current, Low DCR, Without noise
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MPL135-R47 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  MPL135-R47 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
MT2 Relay
THT Version
Basic grid 2.54 mm
Mounting hole layout
View onto the component side of the PCB
(top view)
Terminal assignment
Relay - top view
non-latching 1 coil
release condition
THT
mm
inch
L
20.2 + 0.05/-0.02 0.795 + 0.002/-0.0008
W
10 + 0.05/-0.02 0.393 + 0.002/-0.0008
H
11+0.1/-0.2
0.433 + 0.004/-0.008
T
3.1 ± 0.3
0.122 ± 0.011
T1
N/A
N/A
T2
7.62 ± 0.15
0.3 ± 0.005
S
0.55
0.021
Tw 0.5
0.020
Dimension
Page 3 (9)
108-98006 Rev. C



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com