Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3564-E/ST Datasheet(PDF) 105 Page - Microchip Technology

Part # MCP3564-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564-E/ST Datasheet(HTML) 105 Page - Microchip Technology

Back Button MCP3564-E/ST Datasheet HTML 100Page - Microchip Technology MCP3564-E/ST Datasheet HTML 101Page - Microchip Technology MCP3564-E/ST Datasheet HTML 102Page - Microchip Technology MCP3564-E/ST Datasheet HTML 103Page - Microchip Technology MCP3564-E/ST Datasheet HTML 104Page - Microchip Technology MCP3564-E/ST Datasheet HTML 105Page - Microchip Technology MCP3564-E/ST Datasheet HTML 106Page - Microchip Technology MCP3564-E/ST Datasheet HTML 107Page - Microchip Technology MCP3564-E/ST Datasheet HTML 108Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 105
MCP3561/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3561/2/4:
Two/Four/Eight-Channel, 153.6 ksps,
Low-Noise 24-Bit Delta-Sigma ADCs
Tape and Reel:
T
= Tape and Reel
Blank = Standard packaging (tube or tray)
Temperature
Range:
E
= -40°C to +125°C (Extended)
Package:
NC
= Ultra Small, No Lead Package (UQFN),
3 x 3 x 0.5 mm, 20-Lead
ST
= Plastic Thin Shrink Small Outline (TSSOP),
6.5x 4.4 x 1mm, 20-Lead
Examples:
a) MCP3561T-E/NC:
Single Channel ADC,
Tape and Reel,
Extended Temperature,
20-Lead UQFN
b) MCP3562T-E/NC:
Dual Channel ADC,
Tape and Reel,
Extended Temperature,
20-Lead UQFN
c) MCP3564T-E/NC:
Quad Channel ADC,
Tape and Reel,
Extended Temperature,
20-Lead UQFN
d) MCP3561T-E/ST:
Single Channel ADC,
Tape and Reel,
Extended Temperature,
20-Lead TSSOP
e) MCP3562-E/ST:
Dual Channel ADC,
Standard Packaging,
Extended Temperature,
20-Lead TSSOP
f)
MCP3564-E/ST:
Quad Channel ADC,
Standard Packaging,
Extended Temperature,
20-Lead TSSOP
PART NO.
X
Temperature
Range
Device
/XX
Package
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
2:
Device SPI Address ‘01’ is the default address
option. Contact Microchip Sales Office for other
device address option ordering procedures.
X(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com