Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528 Datasheet(HTML) 106 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 102Page - Texas Instruments AM6528 Datasheet HTML 103Page - Texas Instruments AM6528 Datasheet HTML 104Page - Texas Instruments AM6528 Datasheet HTML 105Page - Texas Instruments AM6528 Datasheet HTML 106Page - Texas Instruments AM6528 Datasheet HTML 107Page - Texas Instruments AM6528 Datasheet HTML 108Page - Texas Instruments AM6528 Datasheet HTML 109Page - Texas Instruments AM6528 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 282 page
background image
Table 6-75. Power Supply Signal Description (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CAP_VDDAR_MCU(1)
External capacitor connection for MCU SRAM LDO
CAP
U10
CAP_VDDAR_MPU0_0(1)
External capacitor connection for MPU SRAM LDOs
CAP
M12
CAP_VDDAR_MPU0_1(1)
External capacitor connection for MPU SRAM LDOs
CAP
N12
CAP_VDDAR_MPU1_0(1)
External capacitor connection for MPU SRAM LDOs
CAP
N18
CAP_VDDAR_MPU1_1(1)
External capacitor connection for MPU SRAM LDOs
CAP
N15
CAP_VDDAR_WKUP(1)
External capacitor connection for WKUP SRAM LDO
CAP
Y10
CAP_VDDA_1P8_IOLDO_WKUP(1)
External capacitor connection for IO Bias LDO in WKUP
domain
CAP
AA8
CAP_VDDA_1P8_SDIO(2)
External capacitor connection for SDIO LDO
CAP
J17
CAP_VDDA_1P8_IOLDO0(1)
External capacitor connection for IO Bias LDO
CAP
G19
CAP_VDDA_1P8_IOLDO1(1)
External capacitor connection for IO Bias LDO
CAP
Y19
CAP_VDDSHV_SDIO(2) (3)
External capacitor connection for SDIO LDO
CAP
H18
CAP_VDD_WKUP(1)
External capacitor connection for WKUP LDO
CAP
V9
VDDA_1P8_MON_WKUP
Supply monitor in WKUP domain
A
AB6
VDDA_1P8_SDIO(2)
SDIO LDO analog power supply
PWR
G17
VDDA_1P8_CSI0
CSI PHY analog power supply
PWR
L20, M21
VDDA_1P8_MON0
Supply monitor in MAIN domain
A
AC6
VDDA_1P8_OLDI0
OLDI analog power supply
PWR
L22
VDDA_1P8_SERDES0
SERDES0/1 (USB, PCIE) analog power supply
PWR
AA14, AB13, AB15
VDDA_3P3_IOLDO_WKUP
WKUP IO Bias LDO analog power supply
PWR
AB9
VDDA_3P3_MON_WKUP
Supply monitor in WKUP domain
A
U6
VDDA_3P3_SDIO(2)
SDIO LDO analog power supply
PWR
H17
VDDA_3P3_USB
USB analog power supply
PWR
AC12
VDDA_3P3_IOLDO0
IO Bias LDO analog power supply
PWR
G18
VDDA_3P3_IOLDO1
IO Bias LDO analog power supply
PWR
AA21
VDDA_3P3_MON0
Supply monitor in MAIN domain
A
AC10
VDDA_ADC_MCU
ADC0, ADC1 analog power supply
PWR
M7, M9
VDDA_LDO_WKUP
WKUP LDO analog power supply
PWR
AB8
VDDA_MCU
MCU SRAM LDO, MCU DPLL, CPSW DPLL analog
power supply
PWR
U12
VDDA_PLL0_DDR
DDR DPLL analog power supply
PWR
H15
VDDA_PLL1_DDR
DDR De-skew DPLL analog power supply
PWR
H11
VDDA_PLL_CORE
CORE DPLL, PER1 DPLL analog power supply
PWR
Y17
VDDA_PLL_DSS
DSS DPLL analog power supply
PWR
L21
VDDA_PLL_MPU0
MPU0 DPLL analog power supply
PWR
L12
VDDA_PLL_MPU1
MPU1 DPLL analog power supply
PWR
K15
VDDA_PLL_PER0
PER0 DPLL analog power supply
PWR
AB7
VDDA_POR_WKUP(5)
WKUP POR/POK analog power supply
PWR
Y9
VDDA_SRAM_CORE0
CORE SRAM LDOs analog power supply
PWR
M19
VDDA_SRAM_CORE1
CORE SRAM LDOs analog power supply
PWR
V16
VDDA_SRAM_MPU0
MPU SRAM LDOs analog power supply
PWR
K7
VDDA_SRAM_MPU1
MPU SRAM LDOs analog power supply
PWR
L18
VDDA_VSYS_MON(6)
Supply monitor for system
A
AC11
VDDA_WKUP
WKUP High/Low Frequency Oscillator
(WKUP_LFOSC0 / WKUP_OSC0), SRAM LDO analog
power supply
PWR
AA9
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
106
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com