Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 124 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 120Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 121Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 122Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 123Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 124Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 125Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 126Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 127Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 128Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 124 / 128 page
background image
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
124
NXP Semiconductors
Revision history
7
Revision history
Table 115 provides a revision history for this data sheet.
Table 115. i.MX RT1170 Data Sheet document revision history (continued)
Rev.
Number
Date
Substantive Change(s)
Rev. 1
05/2021
• Added 64 KB RAM for CAAM and built-in Manufacturing Protection Hardware in the
Section 1.1, Features; removed ECC, tamper protection, and DryICE from the Section 1.1,
Features
• Updated the SD revision and two new part numbers in the Table 1. Order information
• Updated the Figure 1, "Part number nomenclature—i.MX RT11XX family"
• Updated the descriptions of Arm, OCRAM, RTC OSC, LPUART, uSHDC, and SNVS in the
Table 3. i.MX RT1170 modules list
• Updated the CLK1_P/CLK1_N, DCDC_PSWITCH, RTC_XTALI/RTC_XTALO, NC, and
POR_B descriptions in the Table 4. Special signal considerations
• Updated the Table 9. Electrostatic discharge and latch-up characteristics
• Added a comment for VDD_SOC_IN in the Table 11. Operating ranges
• Updated the test conditions of Set Point #7 in the Table 14. Typical power modes current
and power consumption (Single core)
• Updated the Table 15. Typical wakeup time
• Updated the DCDC_PSWITCH note in the Section 4.2.1.1, Power-up sequence
• Updated the descriptions in the Section 4.2.2, Internal POR and power detect
• Updated the comments of output voltage and maximum value of 1.0 V loading output in the
Table 22. DCDC characteristics
• Updated the clock output range in the Table 27. Arm PLL’s electrical parameters
• Updated a typo for 32K frequency in the Section 4.2.6, On-chip oscillators
• Added weak pull-up and pull-down parameters in the Table 36. DC specification for
GPIO_SNVS bank
• Removed the leakage from pad VDD to VSS value and updated the maximum value of input
leakage current from Table 37. DC specification for
GPIO_AD/GPIO_LPSR/GPIO_DISP_B2 bank
• Updated the compliant standards in the Section 4.6.1, MIPI D-PHY electrical characteristics
• Added tADCSETUP in the Table 75. ADC electrical specifications (VREFFH = 1.68 V and
VADINmax ≤ NVCC_GPIOmax) and Table 76. ADC electrical specifications (1 V ≤ VREFFH
< VDD_ANA_18min and VADINmax ≤ VREFH)
• Updated the note in the Table 81. Temperature sensor parameters
• Removed the Section, SNVS
Rev. 0
12/2020
• Initial version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com