Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-129G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # F-129G
Description  High Frequency Data Line Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

F-129G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  F-129G Datasheet HTML 1Page - List of Unclassifed Manufacturers F-129G Datasheet HTML 2Page - List of Unclassifed Manufacturers F-129G Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
D.U.T = F-129G
20 Log E
L/ETr
Resistors Matched to within 0.03%
R1 + R2 = 67.5
R3 + R4 = 67.5
Longitudinal Conversion Loss
20 Log V/E
Crosstalk
Sine Wave 2V
RMS
up to 10MHz
R
S = 50 Ω
R
L = 135 Ω
D.U.T = F-129G


Similar Part No. - F-129G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-129G RHOMBUS-IND-F-129G Datasheet
34Kb / 3P
   High Frequency Data Line Filter
More results

Similar Description - F-129G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-175 RHOMBUS-IND-F-175 Datasheet
22Kb / 1P
   High Frequency Data Line Filter
F-1500 RHOMBUS-IND-F-1500_1 Datasheet
36Kb / 1P
   High Frequency Data Line Filter
F-1502 RHOMBUS-IND-F-1502 Datasheet
28Kb / 1P
   High Frequency Data Line Filter
F-1507 RHOMBUS-IND-F-1507 Datasheet
32Kb / 1P
   High Frequency Data Line Filter
F-127 RHOMBUS-IND-F-127 Datasheet
33Kb / 1P
   High Frequency Data Line Filter
F-129 RHOMBUS-IND-F-129 Datasheet
39Kb / 3P
   High Frequency Data Line Filter
F-1516 RHOMBUS-IND-F-1516 Datasheet
27Kb / 1P
   High Frequency Data Line Filter
F-1505 RHOMBUS-IND-F-1505 Datasheet
27Kb / 1P
   High Frequency Data Line Filter
F-1506 RHOMBUS-IND-F-1506 Datasheet
29Kb / 1P
   High Frequency Data Line Filter
F-1504 RHOMBUS-IND-F-1504 Datasheet
33Kb / 1P
   High Frequency Data Line Filter
F-129G RHOMBUS-IND-F-129G Datasheet
34Kb / 3P
   High Frequency Data Line Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com