Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1.5KE10CA Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S-1.5KE10CA
Description  1500W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-1.5KE10CA Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-1.5KE10CA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE10CA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE10CA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE10CA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE10CA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MARKING & ORDERING INFORMATION
P roduct Type
C athode Band
S- 1.5K E
XX
C
A
(1)
(2)
(3)
(4)
(1)Series:1500 w atts series
(2)R everse S tand-off V oltage
(3)B i-directional
(4)5% VBR V oltage tolerance
Logo
1.5KE xxC A
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
A
B
C
D
Max.
Min.
Max.
1.000
25.40
0.339
0.045
0.193
0.362
0.057
0.221
8.60
1.15
4.90
9.20
1.45
5.60
-
-
A
B
A
Part Number
Case Type
Quantity
Packing Option
S-1.5KEXXCA/A
DO-27/DO-201
1000
Box
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
5/5
S-1.5KE Series 1500W Transient Voltage Suppressor
01.0
8.2021


Similar Part No. - S-1.5KE10CA

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
S-1 RIEDON-S-1 Datasheet
285Kb / 2P
   Surface Mount Wirewound Resistors
logo
Cooper Bussmann, Inc.
S-1 COOPER-S-1 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Riedon Powertron
S-1 RIEDON-S-1 Datasheet
215Kb / 2P
   Surface Mount Wirewound Resistors
logo
Eaton All Rights Reserv...
S-1 EATON-S-1 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-1-1/4 COOPER-S-1-1/4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
More results

Similar Description - S-1.5KE10CA

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com