Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U-174-U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U-174-U
Description  TELEPHONE PLUG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U-174-U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U-174-U Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
C
B
A
D
C
B
A
8
7
6
5
4
3
2
1
TP-101-CP
TP-101-CP
C
THIS DOCUMENT CONTAINS PROPRIETARY INFOR-
MATION OF NEXUS,INCORPORATED AND SUCH
INFORMATION MAY NOT BE DISCLOSED TO OTHERS
FOR ANY PURPOSE OR USED FOR ANY PURPOSE
WITHOUT THE WRITTEN CONSENT OF NEXUS.
SCALE = 2.00 :1
TITLE
WEIGHT
FINISH
MATERIAL
DWN.BY
APPR.BY
CHECKED BY
DATE
DATE
DATE
DWG. NO.
SIZE
SHEET 1 OF 1
DO NOT SCALE DWG.
STAMFORD,CONN
C
NEXUS
8
7
6
5
4
3
2
1
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES & OR [mm]
TOLERANCES:
DECIMAL:
±.XX[X.X]
± .0X[0.X]
±.XXX[X.XX]
± .00X[0.0X]
FRACTION: ±X/XX
± X/XX
ANGLES:±.X °
±.X °
±.XXXX[X.XXX]
± .000X[0.0XX]
Y
Y
Z
Z
X
X
.042
TERMINAL #1
.279±.003
.419±.003
.590±.003
.016+.016
-.000
.761
1.10
.187+.003
-.000
.091±.001
.091±.001
.196 ± .003
MAX
.510
.250 ± .001
.281 ± .001
.511±.003
REF
TERMINAL #1
.042
.085
.279±.003
.200±.003
.200±.003
.260 MAX
LET.
REVISION
CN #
DATE
CHK
A
REDRAWN
6/16
1965
B
1) ADDED .050
11/19
1990
WHF
C
CHG: PLATING IN NOTE #9D
214
11/14
2014
HR
TELEPHONE PLUG
U-174/U
4/20/69
ITEM #
PART #
QTY
DESCRIPTION
1
TP-101-7
1
STACK & CABLE RETAINER ASSEMBLY
2
TP-101-9
1
CLAMP
3
TP-101-8
1
SHELL
4
TP-101-10
1
SPOOL
5
TP-101-11
1
RIVET
CONDENSED SPECIFICATIONS:
1) THIS PLUG MATES WITH TELEPHONE JACK U-92A/U PER MIL-T-9199
2) THE CABLE HARDWARE IS INTENDED FOR USE WITH CABLES SUCH AS
THAT SHOWN ON AIR FORCE DWG #60C12501
3) THE SOLDER TERMINALS ARE TINNED & EACH WILL ACCEPT TWO STRANDED
CONDUCTORS OF 320 CIRCULAR MILLS (37 BUNCH STRANDED
AWG #40)
4) EACH CONDUCTOR IS OF ONE PIECE CONSTRUCTION (THERE ARE NO
JOINTS OF ANY TYPE BETWEEN THE CONTACT AREA AND THE SOLDER
TERMINALS
5) THE
.281 STACK IS MACHINED AFTER INSERT MOLDING SO THE CONTACTS
& INSULATION ARE FLUSH & CONCENTRIC
6) THE CABLE CLAMP WILL WITHSTAND A 25 LB PULL FOR AT LEAST 5 MINS
7) A SHOULDER IS FORMED AS AN INTEGRAL PART OF CONTACT #4 TO PERMIT
MATING WITH OBSOLETE U-92/U JACKS
8) THE CONCENTRICITY OF THE BALL END OF THE PLUG TO THE
.281 IS SUCH
THAT THE PLUG WILL FREELY ENTER A RING GAGE HAVING A MAX INTERNAL
.284 FOR A LENGTH OF .590 & A MAX INTERNAL DIAMETER OF
.254 FOR A
LENGTH OF .175 WITH NO FORCE EXCEPT ITS OWN WEIGHT
9) MATERIALS:
A) CONTACTS: NICKEL-COPPER ALLOY PER FEDERAL SPEC QQ-N-281 (MONEL)
B) STACK INSULATION: MINN, MINING & MFG CO KEL-F
C) STRAIN RELIEF BRACKET: STAINLESS STEEL PER FEDERAL SPEC QQ-S-766,
CLASS 4
D) CABLE HARDWARE: COPPER ALLOY, ZINC PLATED
E) SHELL: POLYMIDE PLASTIC, BLACK PER MIL-P-17091, TYPE 1
10) ELECTRICAL:
A) DIELECTRIC STRENGTH: 500 VRMS MIN BETWEEN ANY PAIR OF CONTACTS
B) INSULATION RESISTANCE: 100 MEGAOHMS MIN BETWEEN ANY PAIR OF
CONTACTS
C) CONTACT RESISTANCE: WHEN MATED WITH A U-92A/U TELEPHONE JACK
& WITH A DIRECT CURRENT OF 100 MILLAMPERES @ 5 V (OPEN CIRCUIT
VOLTAGE) FLOWING THRU THE CONTACTS, THE POTENTIAL DROP BETWEEN
EACH PAIR OF CONTACTS WILL NOT EXCEED .005V
11) THIS TELEPHONE PLUG IS SUPPLIED IN A POLYTHYLENE BAG WITH THE
CASE & CABLE HARDWARE UNASSEMBLED
12) USE CRIMP TOOL "HX4" & CRIMP DIE "Y1633" TO ATTACH "CLAMP",
TP-101-9
WHF
RKB
WHF
DIMENSIONS FOR ATTACHING
CABLE CLAMP
Y-Y
SECTION
TERMINAL #2
TERMINAL #3
TERMINAL #4
Z-Z
SECTION
SEE DETAIL A
1
2
3
4
5
8.000
SCALE
A
DETAIL
CONTACT #4
CONTACT #3
CONTACT #2
CONTACT #1
3.000
SCALE
X-X
SECTION


Similar Part No. - U-174-U

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
U-1 FESTO-U-1 Datasheet
81Kb / 1P
   Pneumatic muffler
U-1-B FESTO-U-1-B Datasheet
96Kb / 1P
   Pneumatic muffler
U-1-B-NPT FESTO-U-1-B-NPT Datasheet
97Kb / 1P
   Pneumatic muffler
U-1/2 FESTO-U-1/2 Datasheet
93Kb / 1P
   Pneumatic muffler
U-1/2-20 FESTO-U-1/2-20 Datasheet
94Kb / 1P
   Pneumatic muffler
More results

Similar Description - U-174-U

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTP-88-X-C5E-SL ADAM-TECH-MTP-88-X-C5E-SL Datasheet
83Kb / 1P
   MODULAR TELEPHONE PLUG
MTP-1515-X ADAM-TECH-MTP-1515-X Datasheet
113Kb / 1P
   MODULAR TELEPHONE PLUG
MTP-88-X ADAM-TECH-MTP-88-X Datasheet
101Kb / 1P
   MODULAR TELEPHONE PLUG
MTPR-88-X-S ADAM-TECH-MTPR-88-X-S Datasheet
96Kb / 1P
   MODULAR TELEPHONE PLUG
MTP-88-X-K ADAM-TECH-MTP-88-X-K Datasheet
92Kb / 1P
   MODULAR TELEPHONE PLUG
MTPR-44-U ADAM-TECH-MTPR-44-U Datasheet
90Kb / 1P
   MODULAR TELEPHONE PLUG
MTPR-88-U ADAM-TECH-MTPR-88-U Datasheet
92Kb / 1P
   MODULAR TELEPHONE PLUG
MTPR-88-X ADAM-TECH-MTPR-88-X Datasheet
73Kb / 1P
   MODULAR TELEPHONE PLUG
MTPR-1010-X-EMI ADAM-TECH-MTPR-1010-X-EMI Datasheet
110Kb / 1P
   MODULAR TELEPHONE PLUG
MTPR-88-X-EMI ADAM-TECH-MTPR-88-X-EMI Datasheet
76Kb / 1P
   MODULAR TELEPHONE PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com