Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC4223F Datasheet(PDF) 6 Page - TDK Electronics

Part # HVC4223F
Description  Motor Drivers for Control of BLDC, BDC, or Stepper Motors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HVC4223F Datasheet(HTML) 6 Page - TDK Electronics

  HVC4223F Datasheet HTML 1Page - TDK Electronics HVC4223F Datasheet HTML 2Page - TDK Electronics HVC4223F Datasheet HTML 3Page - TDK Electronics HVC4223F Datasheet HTML 4Page - TDK Electronics HVC4223F Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 5 page
background image
DATA SHEET
HVC 4x Family
TDK-Micronas GmbH
July 9, 2021; DSH000216_001EN
6
1.1. Features
The following list gives an overview of the features of the HVC 4x family (see Table 1–2
on page 11 for a detailed feature list).
Core and Interrupt System
– CPU: Arm® Cortex®-M3 core with on-chip serial-wire debug interface
(Memory Protection Unit MPU for the 64 KB version)
– Nested Vectored Interrupt Controller (NVIC):
over 20 interrupt lines, each programmable with 8 (3-bit) priority levels.
– 24-bit SysTick timer
– CPU operating modes: ACTIVE, OVERVOLTAGE
– Power-saving modes (CPU inactive): IDLE, SLEEP
– Retention mode for start-stop applications: RETENTION
– Programmable CPU clock of up to 20 MHz
Internal Oscillators:
– Main oscillator: 40 MHz with clock divider and EMI reduction
– Auxiliary oscillator: 35 kHz
Memory
– RAM: 2/4 KB
– Flash: 32/64 KB
– NVRAM: 512 byte (448 byte for customer use)
Functional Safety1)
– For the HVC 4x family there is additional information available how to use the diag-
nostic and safety features of the IC on top of the standard AEC-Q100 requirements.
This functional safety readiness results in additional documentation like FMEDA sum-
mary report and a dedicated Functional Safety Manual.
– The Functional Safety Manual describes, how to implement the Application Software
and Application itself in order to correctly and beneficially utilize the regarding device
features. The Functional Safety Manual provides information to support customers to
realize an ISO 26262 compliant system using the HVC 4x family as a QM hardware
part inside functional safety applications.
– The FMEDA summary report describes the assumed Safety Goal, the corresponding
Failure Modes as well as the base failure rates according to IEC TR 62380.
1) The HVC family members are developed as QM part with respect to ISO 26262.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com