Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC4223F Datasheet(PDF) 9 Page - TDK Electronics

Part # HVC4223F
Description  Motor Drivers for Control of BLDC, BDC, or Stepper Motors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HVC4223F Datasheet(HTML) 9 Page - TDK Electronics

  HVC4223F Datasheet HTML 1Page - TDK Electronics HVC4223F Datasheet HTML 2Page - TDK Electronics HVC4223F Datasheet HTML 3Page - TDK Electronics HVC4223F Datasheet HTML 4Page - TDK Electronics HVC4223F Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 5 page
background image
DATA SHEET
HVC 4x Family
TDK-Micronas GmbH
July 9, 2021; DSH000216_001EN
9
Communication
– LIN telegram supporting UART with automatic baud rate adjustment and receive/
transmit FIFOs, usable for LIN slave operation.
– Synchronous Serial Peripheral Interface (SPI), master mode only.
– Special PWM module (PWMIO), e.g. for customer specific bus communication. The
module can be accessed either via LGPIO alternative functions or the LIN pin. If LGPIO
ports shall be used the ESD-protection and open-drain architecture must be applied by
external components.
Timers and Counters
– One Capture Compare (CAPCOM) unit with three channels and one 16-bit free-run-
ning counter.
– Two 16-bit timer modules: usable as timer, counter, input capture, or PWM output.
Miscellaneous
– Digital watchdog clocked with the system clock fSYS.
– Window watchdog and wake-up timer clocked with the auxiliary oscillator clock fAUX.
– Power supply voltage (VBVDD):
• Nominal: 8 V to 18 V
• With degraded analog parameters from 5.4 V to 8 V. From 18 V to 40 V with limited
BVDD current according to thermal power budget boundaries.
• Support of jump-start and load-dump requirements.
– 5 V LDO pre-regulator with support of start-stop applications.
– RAM data retention to support crank-pulse / start-stop applications.
– Automotive AEC-Q100 Grade 1 qualified
– Extended junction temperature range:
40 °C to 160 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com