Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-250R Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # K-250R
Description  Measuring resistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

K-250R Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  K-250R Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Measuring resistor
K-250R
< 1-channel
< Precision resistor
< Conversion of 0 mA ... 20 mA/0 V ... 5 V
< Packaging unit: 5 pieces
Measuring resistor
Function
This resistor can be used to convert 0 mA ... 20 mA to 0 V ... 5 V.
Dimensions
18
28
Technical Data
Electrical specifications
Measuring resistor
250 Ω , 0,2 %, TK20
Mechanical specifications
Dimensions
∅10 x 28 mm (0.4 x 1.1 inch)
General information
Packing unit
5 item(s)
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - K-250R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
K-254095-10-1A MACOM-K-254095-10-1A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
K-254127-10-1A MACOM-K-254127-10-1A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - K-250R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN957 ETC-AN957 Datasheet
235Kb / 13P
   Measuring HEXFETCharacteristics
MK484 ETC-MK484 Datasheet
367Kb / 4P
   MEASURING CIRCUIT
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
   Measuring instrument
logo
Weidmuller
1067250000 WEIDMULLER-1067250000 Datasheet
1Mb / 8P
   Measuring bridge converter, Input : Resistance measuring bridge
October 2, 2021
logo
Sharp Corporation
GP2D120 SHARP-GP2D120 Datasheet
414Kb / 10P
   DISTANCE MEASURING SENSOR
logo
Agilent(Hewlett-Packard...
N5531S HP-N5531S Datasheet
207Kb / 4P
   Measuring Receiver System
logo
Testo SE & Co. KGaA
TESTO460 TESTO-TESTO460 Datasheet
287Kb / 2P
   rpm measuring instrument
logo
PHOENIX CONTACT
MCR-TC-UI-NC PHOENIX-MCR-TC-UI-NC Datasheet
92Kb / 5P
   Thermocouple measuring transducer
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
   Field Measuring Instruments
logo
SICK AG
MLG1-0140F511 SICK-MLG1-0140F511 Datasheet
290Kb / 6P
   MEASURING AUTOMATION LIGHT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com