Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XACA009 Datasheet(PDF) 1 Page - Schneider Electric

Part # XACA009
Description  mechanical interlock for 2 operators - XAC-A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XACA009 Datasheet(HTML) 1 Page - Schneider Electric

  XACA009 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Aug 11, 2019
1
Product data sheet
Characteristics
XACA009
mechanical interlock for 2 operators - XAC-A
Product availability: Stock - Normally stocked in distribution facility
Main
Range of product
Harmony XAC
Accessory / separate
part designation
Mechanical interlock for 2 operators
Accessory / separate
part type
Mechanical interlock
Accessory / separate
part category
Mounting and fixing accessories
Accessory / separate
part destination
Pendant control station
Additional information
With 4 fixing screws
Complementary
Product weight
0.01 lb(US) (0.003 kg)
Ordering and shipping details
Category
22473 - PUSHBUTTON, PENDANTS
Discount Schedule
CS2
GTIN
00785901645207
Nbr. of units in pkg.
1
Package weight(Lbs)
0.02
Returnability
Y
Country of origin
CZ
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including:
- - - - - - - Substance 1
Nickel compounds, which is known to the State of California to cause cancer, and
- - - - - - - Substance 2
Di-isodecyl phthalate (DIDP), which is known to the State of California to cause
birth defects or other reproductive harm.
- - - - - - - More information
For more information go to www.p65warnings.ca.gov
Contractual warranty
Warranty period
18 months


Similar Part No. - XACA009

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACA026889801 SCHNEIDER-XACA026889801 Datasheet
104Kb / 2P
PENDANT STATION 600VAC 10AMP XAC SPECIAL
Mar 21, 2022
XACA02H7 SCHNEIDER-XACA02H7 Datasheet
118Kb / 3P
Harmony XAC, Empty pendant control station, plastic, yellow, 2 cutouts, UL/CSA certified
Mar 21, 2022
XACA03H7 SCHNEIDER-XACA03H7 Datasheet
118Kb / 3P
Harmony XAC, Empty pendant control station, plastic, yellow, 3 cutouts, UL/CSA certified
Mar 21, 2022
XACA0432891405 SCHNEIDER-XACA0432891405 Datasheet
94Kb / 2P
PENDANT STATION 600VAC 10AMP XAC SPECIAL
Mar 21, 2022
XACA04H7 SCHNEIDER-XACA04H7 Datasheet
89Kb / 3P
Harmony, empty pendant control station, yellow, 4 vertical openings
Aug 15, 2019
More results

Similar Description - XACA009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301500043 MOLEX11-1301500043 Datasheet
33Kb / 1P
20 Amp Watertite Pin and Sleeve Mechanical Interlock, 2 Pole/3 Wire
logo
Schneider Electric
S29354 SCHNEIDER-S29354 Datasheet
65Kb / 2P
H/J-FRAME MECHANICAL INTERLOCK FOR TOGGLE HANDLE
LA9FG970 SCHNEIDER-LA9FG970 Datasheet
103Kb / 1P
TeSys F- mechanical interlock - for 2 horizontal contactors
Aug 15, 2019
LA9FJ970 SCHNEIDER-LA9FJ970 Datasheet
102Kb / 1P
TeSys F- mechanical interlock - for 2 horizontal contactors
Aug 17, 2019
logo
WAGO Kontakttechnik Gmb...
2002-1972-401-000 WAGO-2002-1972-401-000 Datasheet
1Mb / 24P
2-conductor disconnect/test terminal block; with mechanical interlock
24.11.2021
2002-1974-401-000 WAGO-2002-1974-401-000 Datasheet
1Mb / 24P
2-conductor disconnect/test terminal block; with mechanical interlock
24.11.2021
logo
Schneider Electric
XACA205 SCHNEIDER-XACA205 Datasheet
94Kb / 5P
pendant station XAC-A pistol grip - 2 push buttons
Aug 15, 2019
XACA271 SCHNEIDER-XACA271 Datasheet
112Kb / 5P
pendant control station XAC-A - 2 pushbuttons
Aug 17, 2019
XACA2713H7 SCHNEIDER-XACA2713H7 Datasheet
111Kb / 3P
pendant station XAC-A - 2 pushbuttons - control circuit - 10 A
Mar 21, 2022
XESB2011 SCHNEIDER-XESB2011 Datasheet
186Kb / 6P
Harmony XAC, Single contact block, spring return, front mounting, single speed C/O for XACB91** operators
Mar 21, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com