Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XACA12H7 Datasheet(PDF) 3 Page - Schneider Electric

Part # XACA12H7
Description  empty pendant control station XAC-A - 12 openings in 1 column
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XACA12H7 Datasheet(HTML) 3 Page - Schneider Electric

  XACA12H7 Datasheet HTML 1Page - Schneider Electric XACA12H7 Datasheet HTML 2Page - Schneider Electric XACA12H7 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Product data sheet
Dimensions Drawings
XACA12H7
Dimensions
Below drawing shows a product with 6 cut-outs. Select the number of cut-outs according to the product characteristics in order to get b, b1
and c dimensions.
(1) For 2 and 3-way XAC A stations.
(2) For 4 to 8-way XAC A stations.
(3) With trigger action Emergency stop head operator
(4) Internal ø
Dimensions in mm
Number of cut-outs
2
3
4
5
6
8
12
b
314
314
440
440
500
560
680
b1
190
190
250
250
310
370
490
c
80
80
80
80
80
80
92
Dimensions in in.
Number of cut-outs
2
3
4
5
6
8
12
b
12.36
12.36
17.32
17.32
19.68
22.05
26.77
b1
7.48
7.48
9.84
9.84
12.20
14.57
19.29
c
3.15
3.15
3.15
3.15
3.15
3.15
3.62


Similar Part No. - XACA12H7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACA009 SCHNEIDER-XACA009 Datasheet
73Kb / 1P
   mechanical interlock for 2 operators - XAC-A
Aug 11, 2019
XACA026889801 SCHNEIDER-XACA026889801 Datasheet
104Kb / 2P
   PENDANT STATION 600VAC 10AMP XAC SPECIAL
Mar 21, 2022
XACA02H7 SCHNEIDER-XACA02H7 Datasheet
118Kb / 3P
   Harmony XAC, Empty pendant control station, plastic, yellow, 2 cutouts, UL/CSA certified
Mar 21, 2022
XACA03H7 SCHNEIDER-XACA03H7 Datasheet
118Kb / 3P
   Harmony XAC, Empty pendant control station, plastic, yellow, 3 cutouts, UL/CSA certified
Mar 21, 2022
XACA0432891405 SCHNEIDER-XACA0432891405 Datasheet
94Kb / 2P
   PENDANT STATION 600VAC 10AMP XAC SPECIAL
Mar 21, 2022
More results

Similar Description - XACA12H7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACA08H7 SCHNEIDER-XACA08H7 Datasheet
87Kb / 3P
   empty pendant control station XAC-A - 8 vertical openings
Aug 15, 2019
XACA06H7 SCHNEIDER-XACA06H7 Datasheet
89Kb / 3P
   empty pendant control station XAC-A - 6 vertical openings
Aug 17, 2019
XACB06 SCHNEIDER-XACB06 Datasheet
155Kb / 6P
   empty pendant control station XAC-B - 6 vertical openings
Aug 17, 2019
XACB121 SCHNEIDER-XACB121 Datasheet
153Kb / 9P
   empty pendant control station XACB - 12 openings in 2 columns
Mar 21, 2022
XACB125 SCHNEIDER-XACB125 Datasheet
153Kb / 9P
   empty pendant control station XACB - 12 openings in 2 columns
Mar 21, 2022
XACB061 SCHNEIDER-XACB061 Datasheet
154Kb / 9P
   empty pendant control station XACB - 6 openings 1 in base
Mar 21, 2022
XACA0895010 SCHNEIDER-XACA0895010 Datasheet
86Kb / 2P
   special pendant control station xac-a - 8 vertical openings
Mar 21, 2022
XACB085 SCHNEIDER-XACB085 Datasheet
150Kb / 9P
   empty pendant control station XACB - 8 vertical openings
Mar 21, 2022
XACA04H7 SCHNEIDER-XACA04H7 Datasheet
89Kb / 3P
   Harmony, empty pendant control station, yellow, 4 vertical openings
Aug 15, 2019
XACA271 SCHNEIDER-XACA271 Datasheet
112Kb / 5P
   pendant control station XAC-A - 2 pushbuttons
Aug 17, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com