Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XACA12H7 Datasheet(PDF) 1 Page - Schneider Electric

Part # XACA12H7
Description  empty pendant control station XAC-A - 12 openings in 1 column
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XACA12H7 Datasheet(HTML) 1 Page - Schneider Electric

  XACA12H7 Datasheet HTML 1Page - Schneider Electric XACA12H7 Datasheet HTML 2Page - Schneider Electric XACA12H7 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aug 10, 2019
1
Product data sheet
Characteristics
XACA12H7
empty pendant control station XAC-A - 12
openings in 1 column
Product availability: Stock - Normally stocked in distribution facility
Main
Range of product
Harmony XAC
Product or component
type
Pendant control station
Device short name
XACA
Complementary
Control station type
Double insulated
Enclosure material
Polypropylene
Electrical circuit type
Control circuit
Enclosure type
Empty enclosure
Number of cut-out
12 cut-outs
Control station colour
Yellow
Cable entry
Rubber sleeve with stepped entry 8...26 mm
Guard rail
Without
Vertical operator cut-out centre
1.18 in (30 mm)
Standards
CSA C22.2 No 14
EN/IEC 60204-32
EN/IEC 60947-5-1
UL 508
Product certifications
GOST
CCC
CSA
UL
Protective treatment
TH
Ambient air temperature for operation
-13...158 °F (-25...70 °C)
Ambient air temperature for storage
-40...158 °F (-40...70 °C)
Vibration resistance
15 gn 10...500 Hz IEC 60068-2-6
Shock resistance
100 gn IEC 60068-2-27
Overvoltage category
Class II IEC 61140
IP degree of protection
IP65 IEC 60529
IK degree of protection
IK08 EN 50102
Mechanical durability
1000000 cycles
Product weight
2.2 lb(US) (1 kg)
Ordering and shipping details
Category
22473 - PUSHBUTTON, PENDANTS
Discount Schedule
CS2
GTIN
00785901146278
Nbr. of units in pkg.
1
Package weight(Lbs)
2.6200000000000001
Returnability
Y
Country of origin
CZ


Similar Part No. - XACA12H7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACA009 SCHNEIDER-XACA009 Datasheet
73Kb / 1P
   mechanical interlock for 2 operators - XAC-A
Aug 11, 2019
XACA026889801 SCHNEIDER-XACA026889801 Datasheet
104Kb / 2P
   PENDANT STATION 600VAC 10AMP XAC SPECIAL
Mar 21, 2022
XACA02H7 SCHNEIDER-XACA02H7 Datasheet
118Kb / 3P
   Harmony XAC, Empty pendant control station, plastic, yellow, 2 cutouts, UL/CSA certified
Mar 21, 2022
XACA03H7 SCHNEIDER-XACA03H7 Datasheet
118Kb / 3P
   Harmony XAC, Empty pendant control station, plastic, yellow, 3 cutouts, UL/CSA certified
Mar 21, 2022
XACA0432891405 SCHNEIDER-XACA0432891405 Datasheet
94Kb / 2P
   PENDANT STATION 600VAC 10AMP XAC SPECIAL
Mar 21, 2022
More results

Similar Description - XACA12H7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACA08H7 SCHNEIDER-XACA08H7 Datasheet
87Kb / 3P
   empty pendant control station XAC-A - 8 vertical openings
Aug 15, 2019
XACA06H7 SCHNEIDER-XACA06H7 Datasheet
89Kb / 3P
   empty pendant control station XAC-A - 6 vertical openings
Aug 17, 2019
XACB06 SCHNEIDER-XACB06 Datasheet
155Kb / 6P
   empty pendant control station XAC-B - 6 vertical openings
Aug 17, 2019
XACB121 SCHNEIDER-XACB121 Datasheet
153Kb / 9P
   empty pendant control station XACB - 12 openings in 2 columns
Mar 21, 2022
XACB125 SCHNEIDER-XACB125 Datasheet
153Kb / 9P
   empty pendant control station XACB - 12 openings in 2 columns
Mar 21, 2022
XACB061 SCHNEIDER-XACB061 Datasheet
154Kb / 9P
   empty pendant control station XACB - 6 openings 1 in base
Mar 21, 2022
XACA0895010 SCHNEIDER-XACA0895010 Datasheet
86Kb / 2P
   special pendant control station xac-a - 8 vertical openings
Mar 21, 2022
XACB085 SCHNEIDER-XACB085 Datasheet
150Kb / 9P
   empty pendant control station XACB - 8 vertical openings
Mar 21, 2022
XACA04H7 SCHNEIDER-XACA04H7 Datasheet
89Kb / 3P
   Harmony, empty pendant control station, yellow, 4 vertical openings
Aug 15, 2019
XACA271 SCHNEIDER-XACA271 Datasheet
112Kb / 5P
   pendant control station XAC-A - 2 pushbuttons
Aug 17, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com