Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072VB Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32L072VB
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072VB Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32L072VB Datasheet HTML 152Page - STMicroelectronics STM32L072VB Datasheet HTML 153Page - STMicroelectronics STM32L072VB Datasheet HTML 154Page - STMicroelectronics STM32L072VB Datasheet HTML 155Page - STMicroelectronics STM32L072VB Datasheet HTML 156Page - STMicroelectronics STM32L072VB Datasheet HTML 157Page - STMicroelectronics STM32L072VB Datasheet HTML 158Page - STMicroelectronics STM32L072VB Datasheet HTML 159Page - STMicroelectronics STM32L072VB Datasheet HTML 160Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 158 / 160 page
background image
Revision history
STM32L072xx
158/160
DS10689 Rev 5
13-Sep-2017
4
Memories and I/Os moved after Core in Features.
Table 2: Ultra-low-power STM32L072xx device features and
peripheral counts: changed number of USART for
LQFP32/UFQFPN32 and added note 3.
Removed column "I/O operation" from Table 3: Functionalities
depending on the operating power supply range and added note
related to GPIO speed.
Updated VDD_USB in Section 3.4.1: Power supply schemes.
In Section 4: Pin descriptions, renamed USB_OE into USB_NOE.
In Section 5: Memory mapping, replaced memory mapping
schematic by reference to the reference manual.
Updated Figure 7: STM32L072xx WLCSP49 ballout.
Added mission profile compliance with JEDEC JESD47 in
Section 6.2: Absolute maximum ratings.
Updated minimum and maximum values of I/O weak pull-up
equivalent resistor (RPU) and weak pull-down equivalent resistor
(RPD) in Table 60: I/O static characteristics.
Updated minimum and maximum values of NRST weak pull-up
equivalent resistor (RPU) in Table 63: NRST pin characteristics.
Added note 2. related to the position of the external capacitor below
Figure 29: Recommended NRST pin protection.
Updated RAIN in Table 64: ADC characteristics.
Updated Figure 34: 12-bit buffered/non-buffered DAC and added
note below figure.
Updated tAF maximum value for range 1 in Table 73: I2C analog filter
characteristics.
Removed Table 90: USART/LPUART characteristics.
NSS timing waveforms updated in Figure 35: SPI timing diagram -
slave mode and CPHA = 0 and Figure 36: SPI timing diagram - slave
mode and CPHA = 1(1).
Updated Figure 53: TFBGA64 – 64-ball, 5 x 5 mm, 0.5 mm pitch thin
profile fine pitch ball grid array package outline.
Added reference to optional marking or inset/upset marks in all
package device marking sections.
Updated note below marking schematics.
Table 96. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com