Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 255 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 255 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 248Page - STMicroelectronics STM32MP153A Datasheet HTML 249Page - STMicroelectronics STM32MP153A Datasheet HTML 250Page - STMicroelectronics STM32MP153A Datasheet HTML 251Page - STMicroelectronics STM32MP153A Datasheet HTML 252Page - STMicroelectronics STM32MP153A Datasheet HTML 253Page - STMicroelectronics STM32MP153A Datasheet HTML 254Page - STMicroelectronics STM32MP153A Datasheet HTML 255Page - STMicroelectronics STM32MP153A Datasheet HTML 256Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 255 / 256 page
background image
DS12502 Rev 6
255/256
STM32MP153A/D
Revision history
255
08-Sep-2020
4
(continued)
Updated Table 55: Output timing characteristics (HSLV
ON, _vh IO structure).
Added Note to Section : USB OTG_FS characteristics.
Updated Section 7.1: TFBGA257 package information.
Added Note to Figure 66: TFBGA257 - Outline.
Updated Table 114: TFBGA257 - Mechanical data.
Updated Section 7.2: LFBGA354 package information.
Updated Table 116: LFBGA354 - Mechanical data.
Updated Section 7.3: TFBA361 package information.
Updated Table 118: TFBGA361 - Mechanical data.
Updated Section 7.4: LFBGA448 package information.
Added Note for Figure 75: LFBGA448 - Outline..
Updated Table 120: LFBGA448 - Mechanical data.
Updated Table 121: LFBGA448 - Recommended PCB
design rules (0.8 mm pitch, BGA).
Updated Section 8: Ordering information.
15-Dec-2020
5
Updated Graphics on cover page.
Updated LCD-TFT in Table 1: STM32MP153A/D
features and peripheral counts.
Updated Table 3.29: LCD-TFT display controller (LTDC).
17-May-2021
6
Added patented technology information on cover page.
Added reference to Errata Sheet in Section 1:
Introduction.
Updated Section 3.30: True random number generator
(RNG1, RNG2).
Updated DuCyCKOUT in Table 90: DFSDM measured
timing.
Updated Table 110: USART characteristics.
Updated Figure 62: USART timing diagram in master
mode.
Updated junction temperature range related information
in Table 123: STM32MP153A/D ordering information
scheme.
Table 124. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com