Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157D Datasheet(PDF) 237 Page - STMicroelectronics

Part # STM32MP157D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157D Datasheet(HTML) 237 Page - STMicroelectronics

Back Button STM32MP157D Datasheet HTML 233Page - STMicroelectronics STM32MP157D Datasheet HTML 234Page - STMicroelectronics STM32MP157D Datasheet HTML 235Page - STMicroelectronics STM32MP157D Datasheet HTML 236Page - STMicroelectronics STM32MP157D Datasheet HTML 237Page - STMicroelectronics STM32MP157D Datasheet HTML 238Page - STMicroelectronics STM32MP157D Datasheet HTML 239Page - STMicroelectronics STM32MP157D Datasheet HTML 240Page - STMicroelectronics STM32MP157D Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 261 page
background image
DS12504 Rev 6
237/261
STM32MP157A/D
Electrical characteristics
239
6.3.39
DSI PHY characteristics
6.3.40
JTAG/SWD interface characteristics
Unless otherwise specified, the parameters given in Table 115 and Table 116 for JTAG/SWD
are derived from tests performed under the ambient temperature, frcc_c_ck frequency and
VDD supply voltage summarized in Table 13: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 0x10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5×VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output
characteristics.
Table 114. DSI PHY characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
DSI link clock frequency
High-Speed mode (HS)
40
-
500
MHz
rate
Data rate per lane
High-Speed mode (HS)
80
-
1000 Mbps
UI
Unit interval
Equal to 0.5/fCK (HS)
1
-
12.5
ns
tclkhs2lp
Time to switch DSI_CK from
High-Speed to LP
Fixed part
-
-
232
ns
Variable part
UI = 0.5/fCK (HS)
-
-
136
UI
tclklp2hs
Time to switch DSI_CK from
LP to High-Speed
Fixed part
-
-
512
ns
Variable part
UI = 0.5/fCK (HS)
--
40
UI
ths2lp
Time to switch DSI_Dx from
High-Speed to LP
Fixed part
-
-
128
ns
Variable part
UI = 0.5/fCK (HS)
--
64
UI
tlp2hs
Time to switch DSI_Dx from LP
to High-Speed
Fixed part
-
-
256
ns
Variable part
UI = 0.5/fCK (HS)
--
32
UI
IDDA1V2_DSI_PHY(PHY)
Power down
Fixed part
-
185
-
µA
High-Speed TX
2 lanes in High-Speed mode
-
17.35
-
mA
LPDT transmit
All data lanes in LPDT mode
-
3.35
-
LPDT receive
All data lanes in LPDT mode
-
0.8
-
IDDA1V8_DSI(PHY)
Power down
-
-
1
-
µA
High-Speed TX
2 lanes in High-Speed mode
-
400
-
LPDT transmit
All data lanes in LPDT mode
-
1
-
LPDT receive
All data lanes in LPDT mode
-
1
-
1. Guaranteed by design unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com