Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072RZ Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32L072RZ
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072RZ Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32L072RZ Datasheet HTML 152Page - STMicroelectronics STM32L072RZ Datasheet HTML 153Page - STMicroelectronics STM32L072RZ Datasheet HTML 154Page - STMicroelectronics STM32L072RZ Datasheet HTML 155Page - STMicroelectronics STM32L072RZ Datasheet HTML 156Page - STMicroelectronics STM32L072RZ Datasheet HTML 157Page - STMicroelectronics STM32L072RZ Datasheet HTML 158Page - STMicroelectronics STM32L072RZ Datasheet HTML 159Page - STMicroelectronics STM32L072RZ Datasheet HTML 160Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 159 / 160 page
background image
DS10689 Rev 5
159/160
STM32L072xx
Revision history
159
14-Nov-2019
5
Added UFQFPN48 package.
Updated Arm logo and added Arm word mark notice in Section 1:
Introduction.
Removed Cortex logo.
Updated Table 5: Functionalities depending on the working mode
(from Run/active down to standby) to change I2C functionality to
disabled in Low-power Run and Low-power Sleep modes.
Updated VDD_USB description in Section 3.4.1: Power supply
schemes.
Changed PC14-OSC_IN into PC14-OSC32_IN in Figure 11:
STM32L072xx UFQFPN32 pinout. Changed USARTx_RTS,
USARTx_RTS_DE into USARTx_RTS/USARTx_DE, and
LPUART1_RTS, LPUART1_RTS_DE into
LPUART1_RTS/LPUART1_DE in Section 4: Pin descriptions and in
all alternate function tables.
Updated VDD_USB and note 2. in Table 26: General operating
conditions.
Removed R10K and R400K from Table 70: Comparator 1
characteristics.
Updated tAF maximum value for range 1 in Table 73: I2C analog filter
characteristics.
Updated paragraph introducing all package marking schematics to
add the new sentence “The printed markings may differ depending
on the supply chain”.
Added LQFP32, LQFP48, LQFP100 and UFBGA100 package
marking examples.
Updated Figure 68: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra
thin fine pitch quad flat package outline and added note related to
exposed pad; updated Table 94: UFQFPN32 - 32-pin, 5x5 mm,
0.5 mm pitch ultra thin fine pitch quad flat package mechanical data.
Added UFQFPN32 package marking example.
Updated Figure 53: TFBGA64 – 64-ball, 5 x 5 mm, 0.5 mm pitch thin
profile fine pitch ball grid array package outline, Figure 54: TFBGA64
– 64-ball, 5 x 5 mm, 0.5 mm pitch, thin profile fine pitch ball ,grid
array recommended footprint and Figure 88: TFBGA64
recommended PCB design rules (0.5 mm pitch BGA).
Table 96. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com