Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JC Datasheet(PDF) 145 Page - STMicroelectronics

Part # STM32WLE4JC
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JC Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32WLE4JC Datasheet HTML 138Page - STMicroelectronics STM32WLE4JC Datasheet HTML 139Page - STMicroelectronics STM32WLE4JC Datasheet HTML 140Page - STMicroelectronics STM32WLE4JC Datasheet HTML 141Page - STMicroelectronics STM32WLE4JC Datasheet HTML 142Page - STMicroelectronics STM32WLE4JC Datasheet HTML 143Page - STMicroelectronics STM32WLE4JC Datasheet HTML 144Page - STMicroelectronics STM32WLE4JC Datasheet HTML 145Page - STMicroelectronics STM32WLE4JC Datasheet HTML 146Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 145 / 146 page
background image
DS13105 Rev 9
145/146
STM32WLE5/E4xx
Revision history
145
1-Jul-2021
9
Updated:
– One sentence at the beginning of Features
– Table 26: Operating range of RF pads
– One sentence at the end of Section 3.8.3: Transmitter and Section 3.8.4: Receiver
– Section 3.8.1: Sub-GHz radio introduction
– Tx HP values in Table 24: Main performances at VDD = 3 V
–IDD (868-915MHz, +22 dBm) in Table 28: Sub-GHz radio power consumption in
transmit mode
– 48 MHz, 2.4 V in Table 43: Current consumption during wakeup from Stop 2 mode
– 16 MHz, 2.4 V in Table 45: Current consumption during wakeup from Stop 1 mode
– 4 MHz, range 1, 2.4 V in Table 47: Current consumption during wakeup from Stop 0
mode
– Table 56: HSE32 crystal requirements
– Reference added after Table 57: HSE32 oscillator characteristics
–ATCXO in Table 58: HSE32 TCXO regulator characteristics
– Figure 22: ADC accuracy characteristics and Figure 23: Typical connection diagram
when using the ADC with FT/TT pins featuring analog switch function
– Table 98: Package thermal characteristics
Table 99. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com