Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584CX Datasheet(PDF) 128 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 128 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 124Page - STMicroelectronics SPC584CX Datasheet HTML 125Page - STMicroelectronics SPC584CX Datasheet HTML 126Page - STMicroelectronics SPC584CX Datasheet HTML 127Page - STMicroelectronics SPC584CX Datasheet HTML 128Page - STMicroelectronics SPC584CX Datasheet HTML 129Page - STMicroelectronics SPC584CX Datasheet HTML 130Page - STMicroelectronics SPC584CX Datasheet HTML 131Page - STMicroelectronics SPC584CX Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 153 page
background image
Package information
SPC584Cx, SPC58ECx
128/153
DS11620 Rev 8
5.5.1
Package mechanical drawings and data information
The following notes are related to Figure 63 and Table 73:
1.
FPBGA stands for Fine Pitch Plastic Ball Grid Array.
Fine pitch: e < 1.00 mm pitch.
Low Profile: The total profile height (Dim A) is measured from the seating plane to the
top of the component.
The maximum total package height is calculated by the following methodology
(tolerance values):
2.
The typical ball diameter before mounting is 0.55mm.
3.
Ref. JEDEC MO_219G_BGA Low Profile, Fine Pitch Ball Grid Array Family, 0.80MM
Pitch (SQ. & RECT.)
4.
The tolerance of position that controls the location of the pattern of balls with respect to
datums A and B. For each ball there is a cylindrical tolerance zone eee perpendicular
to datum C and located on true position with respect to datums A and B as defined by
e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
5.
The tolerance of position that controls the location of the balls within the matrix with
respect to each other. For each ball there is a cylindrical tolerance zone fff
perpendicular to datum C and located on true position as defined by e. The axis
perpendicular to datum C of each ball must lie within this tolerance zone. Each
tolerance zone fff in the array is contained entirely in the respective zone eee above.
The axis of each ball must lie simultaneously in both tolerance zones.
A2
–
0.53
–
A4
–
–
0.80
D
16.85
17.00
17.15
D1
–
15.20
–
E
16.85
17.00
17.15
E1
–
15.20
–
e
–
0.80
–
b(2)
0.50
0.55
0.60
Z
–
0.90
–
aaa
–
–
0.15
bbb
–
–
0.10
ddd(3)
–
–
0.12
eee(4)
–
–
0.15
fff(5)
–
–
0.08
Table 73. FPBGA292 package mechanical data (continued)
Symbol
Dimensions (in millimeter)
Min.
Typ.
Max.
Amax
A1 TYP
() A2 TYP
() A4 TYP
()
A1
()
2
A2
()
2
A4
()
2
++
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com