Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58ECX Datasheet(PDF) 131 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 131 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 127Page - STMicroelectronics SPC58ECX Datasheet HTML 128Page - STMicroelectronics SPC58ECX Datasheet HTML 129Page - STMicroelectronics SPC58ECX Datasheet HTML 130Page - STMicroelectronics SPC58ECX Datasheet HTML 131Page - STMicroelectronics SPC58ECX Datasheet HTML 132Page - STMicroelectronics SPC58ECX Datasheet HTML 133Page - STMicroelectronics SPC58ECX Datasheet HTML 134Page - STMicroelectronics SPC58ECX Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 153 page
background image
DS11620 Rev 8
131/153
SPC584Cx, SPC58ECx
Package information
135
5.6.3
eTQFP144
RθJB
CC
D
Junction-to-board(3)
External Ballast
9.5
°C/W
Internal Ballast
12.7
RθJCtop
CC
D
Junction-to-case top(4)
External Ballast
8.6
°C/W
Internal Ballast
11.9
RθJCbottom CC D
Junction-to-case bottom(5)
External Ballast
1
°C/W
Internal Ballast
4
ΨJT
CC
D
Junction-to-package top(6)
Natural convection
(External Ballast)
1
°C/W
Internal Ballast
3.6
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
3. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
4. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
5. Thermal resistance between the die and the exposed pad ground on the bottom of the package based on simulation
without any interface resistance.
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.
Table 75. Thermal characteristics for 100 exposed pad eTQFP package (continued)
Symbol
C
Parameter(1)
Conditions
Value
Unit
Table 76. Thermal characteristics for 144 exposed pad eTQFP package
Symbol
C
Parameter(1)
Conditions
Value
Unit
RθJA
CC
D Junction-to-Ambient, Natural Convection(2)
Four layer board (2s2p)
(External Ballast)
25.5
°C/W
Four layer board (2s2p)
(Internal Ballast)
28.2
RθJB
CC
D
Junction-to-board(3)
External Ballast
10.2
°C/W
Internal Ballast
13.4
RθJCtop
CC
D
Junction-to-case top(4)
External Ballast
8.7
°C/W
Internal Ballast
12
RθJCbottom CC D
Junction-to-case bottom(5)
External Ballast
1
°C/W
Internal Ballast
4
ΨJT
CC
D
Junction-to-package top(6)
Natural convection
(External Ballast)
1
°C/W
Natural convection
(Internal Ballast)
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com