Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107VC Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32F107VC
Description  Connectivity line, ARM®-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107VC Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32F107VC Datasheet HTML 100Page - STMicroelectronics STM32F107VC Datasheet HTML 101Page - STMicroelectronics STM32F107VC Datasheet HTML 102Page - STMicroelectronics STM32F107VC Datasheet HTML 103Page - STMicroelectronics STM32F107VC Datasheet HTML 104Page - STMicroelectronics STM32F107VC Datasheet HTML 105Page - STMicroelectronics STM32F107VC Datasheet HTML 106Page - STMicroelectronics STM32F107VC Datasheet HTML 107Page - STMicroelectronics STM32F107VC Datasheet HTML 108Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 107 / 108 page
background image
DocID15274 Rev 10
107/108
STM32F105xx, STM32F107xx
Revision history
107
06-Mar-2015
8
Updated Table 40: LFBGA100 – 100-ball low profile fine pitch ball
grid array, 10 x 10 mm, 0.8 mm pitch, package mechanical data,
Table 59: LQPF100 - 100-pin, 14 x 14 mm low-profile quad flat
package mechanical data and Table 60: LQFP64 – 10 x 10 mm 64
pin low-profile quad flat package mechanical data
Updated Figure 14: High-speed external clock source AC timing
diagram; Figure 39: LFBGA100 - 10 x 10 mm low profile fine pitch
ball grid array package outline, Figure 43: LQFP100 – 14 x 14 mm
100 pin low-profile quad flat package outline, Figure 44: LQFP100 -
100-pin, 14 x 14 mm low-profile quad flat recommended footprint,
Figure 46: LQFP64 – 10 x 10 mm 64 pin low-profile quad flat
package outline and Figure 47: LQFP64 - 64-pin, 10 x 10 mm low-
profile quad flat recommended footprint
Added Figure 45: LQFP100 marking example (package top view),
Figure 48: LQFP64 marking example (package top view)
3-Sept-2015
9
Updated:
– Table 19: Peripheral current consumption
– Figure 44: LQFP100 - 100-pin, 14 x 14 mm low-profile quad flat
recommended footprint
– Table 58: LFBGA100 recommended PCB design rules (0.8 mm
pitch BGA)
22-Mar-2017
10
Updated:
– Table 5: Pin definitions
– Section 6: Package information
Added:
– Figure 42: LFBGA100 marking example (package top view)
Table 65. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com